Electronic Components Datasheet Search
  English  ▼

X  

MBT5010 Datasheet(PDF) 3 Page - Insel Rectifier India Pvt. Ltd.

Part # MBT5010
Description  BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

MBT5010 Datasheet(HTML) 3 Page - Insel Rectifier India Pvt. Ltd.

  MBT5010 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. MBT5010 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. MBT5010 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. MBT5010 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INTERNATIONAL
Characteristic Curve
50
40
30
20
10
0
50
40
30
20
10
0
Mounted on a
220×220×50mm
Al plate heatsink
Resistive or
Inductive load
max.
Tj=25
Pulse Width=300 s
typ.
0
50
100
150
TC
CASE TEMPERATURE(
)
0.6
0.8
1.0
1.2
1.4
1.6
IF
INSTANTANEOUS FORWARD VOLTAGE(V)
Fig. 1 Forward Current Derating Curve
Fig.2 Typical Forward Characteristics
Zth(j-C)
1.0
0.5
0
0.001
0.01
0.1
1.0
10
100
SQUARE WAVE PULSE DURATION (S)
500
400
300
200
100
0
8.3ms Single Half
Sine-Wave JEDEC Method
1
10
100
NUMBER OF CYCLES AT 60 HZ
Fig.3 Max Non-Repetitive Peak Surge Current
Fig4. Transient thermal impedance
3
www.rectifierindia.com
April 2011
3 - O BRIDGE
(G) 50/16
MBT
RECTIFIER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com