Electronic Components Datasheet Search
  English  ▼

X  

MBT5016 Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # MBT5016
Description  BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

MBT5016 Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  MBT5016 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. MBT5016 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. MBT5016 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. MBT5016 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INTERNATIONAL
2
www.rectifierindia.com
April 2011
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Junction to Case
Bridge
0.5
/W
Electrical Characteristics
Values
Symbol
Item
Conditions
Min.
Typ.
Max.
Units
VFM
Forward Voltage Drop, max.
T=25
IF =25.0A
1.00
1.20
V
IRRM
Maximum DC Reverse
Tvj =25
VRD=VRRM
Tvj =150
VRD=VRRM
5.0
3.0
uA
mA
CIRCUIT DIAGRAM
3 - O BRIDGE
(G) 50/16
MBT
RECTIFIER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com