Electronic Components Datasheet Search
  English  ▼

X  

MDS150/16 Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # MDS150/16
Description  THREE PHASE BRIDGE MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

MDS150/16 Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  MDS150/16 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. MDS150/16 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. MDS150/16 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERNATIONAL
1
www.rectifierindia.com
April 2011
L
THREE PHASE BRIDGE MODULE
MDS150
Inverter
Inductive heating
Chopper
VRRM
(V)
VRSM
(V)
MDS150/04
400
500
1600
1700
DEVICE TYPE
MDS150/16
FEATURES
Isolated mounting base 2500V-
Pressure contact technology with
Increased power cycling capability
Space and weight savings
TYPICAL APPLICATIONS
Welding
IR- 5
TECHNICAL DATA


Similar Part No. - MDS150/16

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Nanjing International G...
MDS150 DGNJDZ-MDS150 Datasheet
583Kb / 2P
Glass Passivated Three Phase Rectifier Bridge
logo
Shenzhen Luguang Electr...
MDS150 LUGUANG-MDS150 Datasheet
1Mb / 1P
Single-phase/Three-phase bridge rectifier modules
logo
GeneSiC Semiconductor, ...
MDS150-08 GENESIC-MDS150-08 Datasheet
444Kb / 3P
High Surge Capability
More results

Similar Description - MDS150/16

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF75AC SANREX-DF75AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
DF100AC SANREX-DF100AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
DF150AC SANREX-DF150AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
DF200AC SANREX-DF200AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
logo
Insel Rectifier India P...
MDS75 IRI-MDS75 Datasheet
1Mb / 3P
THREE PHASE BRIDGE MODULE
MDS100 IRI-MDS100 Datasheet
841Kb / 3P
THREE PHASE BRIDGE MODULE
MDS100S IRI-MDS100S Datasheet
519Kb / 3P
THREE PHASE BRIDGE MODULE
MDS200 IRI-MDS200 Datasheet
600Kb / 3P
THREE PHASE BRIDGE MODULE
BKW41 IRI-BKW41 Datasheet
928Kb / 3P
THREE PHASE BRIDGE MODULE
logo
Inchange Semiconductor ...
SKD160 ISC-SKD160 Datasheet
448Kb / 3P
Three-phase rectifier bridge module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com