Electronic Components Datasheet Search
  English  ▼

X  

MDS200/04 Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # MDS200/04
Description  THREE PHASE BRIDGE MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

MDS200/04 Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  MDS200/04 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. MDS200/04 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. MDS200/04 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERNATIONAL
1
www.rectifierindia.com
April 2011
L
THREE PHASE BRIDGE MODULE
MDS200
Inverter
Inductive heating
Chopper
TECHNICAL DATA
VRRM
(V)
VRSM
(V)
MDS200/04
400
500
1600
1700
DEVICE TYPE
MDS200/16
FEATURES
Isolated mounting base 2500V-
Pressure contact technology with
Increased power cycling capability
Space and weight savings
TYPICAL APPLICATIONS
Welding
Symbol
Parameter
Test condition
Rating
Unit
IO
Output DC current
Three-phase whole wave rectifying
circuit TC:100
200
A
IFSM
Forward surge current
t=10ms,50HZ,sin,Tjm
2100
A
I
2t
I
2t value
VR = 0.6VRRM Tjm
22100
A
2S
VISO
Isolation voltage
AC one min
2500
V
Tj
Operating junction temperature
-40 to +150
Tjm
Rated junction temperature
150
Tstg
Storage temperature
-40 to +125
Md
Mounting torque copper plate
M6
4
N·m
Mounting torque
terminal
M6
6
N·m
Wt
weight
300
g
Electrical characteristics
Symbol
Parameter
Test condition
Rating
Unit
IRRM
Peak reverse repetitive current
Single-side heat dissipation, VR=VRRM, sine
half wave,Tj=150
15
mA
VFM
Peak forward voltage
IFM =100A, Tj=25
1.35
V
Rth(j-c)
Thermal impedance junction-case
Single-side heat dissipation, sine half wave
0.1
/W


Similar Part No. - MDS200/04

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MDS200 YANGJIE-MDS200 Datasheet
50Kb / 3P
Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Naina Semiconductor ltd...
MDS200 NAINA-MDS200 Datasheet
304Kb / 2P
Three Phase Bridge Rectifier, 200 Amps
logo
Shenzhen Luguang Electr...
MDS200 LUGUANG-MDS200 Datasheet
1Mb / 1P
Single-phase/Three-phase bridge rectifier modules
logo
Yangzhou yangjie electr...
MDS200-08 YANGJIE-MDS200-08 Datasheet
50Kb / 3P
Three Phase Rectifier Bridge
More results

Similar Description - MDS200/04

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF75AC SANREX-DF75AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
DF100AC SANREX-DF100AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
DF150AC SANREX-DF150AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
DF200AC SANREX-DF200AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
logo
Insel Rectifier India P...
MDS75 IRI-MDS75 Datasheet
1Mb / 3P
THREE PHASE BRIDGE MODULE
MDS100 IRI-MDS100 Datasheet
841Kb / 3P
THREE PHASE BRIDGE MODULE
MDS100S IRI-MDS100S Datasheet
519Kb / 3P
THREE PHASE BRIDGE MODULE
MDS150 IRI-MDS150 Datasheet
918Kb / 3P
THREE PHASE BRIDGE MODULE
BKW41 IRI-BKW41 Datasheet
928Kb / 3P
THREE PHASE BRIDGE MODULE
logo
Inchange Semiconductor ...
SKD160 ISC-SKD160 Datasheet
448Kb / 3P
Three-phase rectifier bridge module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com