Electronic Components Datasheet Search
  English  ▼

X  

PWA90SA Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # PWA90SA
Description  THYRISTOR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

PWA90SA Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  PWA90SA Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. PWA90SA Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. PWA90SA Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. PWA90SA Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTERNATIONAL
1
www.rectifierindia.com
April 2011
VRRM
(V)
VRSM
(V)
300
400
600
L
DEVICE TYPE
THYRISTOR MODULE
PWA90SA
FEATURES
IT(AV) 90A (each device)
High surge current 1800A (60HZ)
Easy Construction
Non-insulated Mounting base as common
Anode Terminal
TYPICAL APPLICATIONS
Welders
Various DC power supply
TECHINICAL DATA
PWA90SA-3
PWA90SA-4
PWA90SA-6
400
500
700
ABSOLUTE MAXIMUM RATINGS
Unit
A
A
A
A2s
A/
μs
W
W
V
V
A
°C
°C
N·m
kg·cm
N·m
kg·cm
g
Conditions
Three-phase, half-wave, TC=126
°C
One half cycle at 60Hz, peak value
Value for one cycle of surge current
VD=1/2VDRM, IG=1.0A, Tj=150
°C
Main terminal screw M5
Mounting screw M6
Typical value
Ratings
140
90
1800
1.4
× 104
100
5.0
0.5
10
5.0
2.0
–40~150
–40~125
1.47~1.96
15~20
1.96~2.94
20~30
160
Symbol
IT (RMS)
IT (AV)
ITSM
I2t
di/dt
PGM
PG (AV)
VFGM
VRGM
IFGM
Tj
Tstg
—
—
Parameter
RMS on-state current
Average on-state current
Surge (non-repetitive) on-state current
I2t for fusing
Critical rate of rise of on-state current
Peak gate power dissipation
Average gate power dissipation
Peak gate forward voltage
Peak gate reverse voltage
Peak gate forward current
Junction temperature
Storage temperature
Mounting torque
Weight


Similar Part No. - PWA90SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
PWA VISHAY-PWA Datasheet
80Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Vecow Co., Ltd.
PWA-120W VECOW-PWA-120W Datasheet
491Kb / 2P
Projected Capacitive Multi-Touch Screen with 7H Anti-Scratch Surface, up to 20-point Multi-touch
PWA-120W VECOW-PWA-120W Datasheet
498Kb / 2P
Projected Capacitive Multi-Touch Screen with 7H Anti-Scratch Surface, up to 20-point Multi-touch
PWA-120W VECOW-PWA-120W Datasheet
366Kb / 2P
Projected Capacitive 10-point Multi-Touch Screen with 7H Anti-Scratch Surface
More results

Similar Description - PWA90SA

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com