Electronic Components Datasheet Search
  English  ▼

X  

PWB80/30 Datasheet(PDF) 3 Page - Insel Rectifier India Pvt. Ltd.

Part # PWB80/30
Description  THYRISTOR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

PWB80/30 Datasheet(HTML) 3 Page - Insel Rectifier India Pvt. Ltd.

  PWB80/30 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. PWB80/30 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. PWB80/30 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. PWB80/30 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INTERNATIONAL
3
www.rectifierindia.com
April 2011
Gate Characteristics
Gate Current(mA)
2
2
2
2
2
5
2
5
5
5
5
10
1
10
0
10
1
10
2
10
3
Peak Forward Gate Voltage(10V)
25℃
–
30℃
150℃
Peak
Gate
Power
(
10W
)
Av
erage
Gate
Power
(1
W)
Maximum Gate Voltage that will not terigger any unit
On-State Voltage max
On-State Voltage(V)
5
5
2
10
1
2
2
10
2
10
3
0
1
0.
5
3
2.
5
2
1.
5
: Conduction Angle
360
。
2
Average On-State Current Vs Power Dissipation
(Single phase half wave)
Average On-State Current(A)
150
50
100
0
0
50
100
150
Per one erement
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
: Conduction Angle
360
。
2
0
100
110
130
120
140
150
160
Average On-State Current Vs Maximum Allowable
Case Temperature(Single phase half wave)
Average On-State Current(A)
50
100
150
0
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=180゜
Per one erement
D.C.
2000
3000
1000
1500
2500
2
5
20
50
10
100
0
1
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
60Hz
Per one element
Tj=25℃
0.
2
0.
1
0
0.
3
0.
4
0.
5
2
2
5
5
10
ー3
10
ー2
2
5
10
ー1
10
1
2
5
10
0
Transient Thermal Impedance
Time
t(sec)
Per one element
Junction to case
THYRISTOR MODULE
PWB80A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com