Electronic Components Datasheet Search
  English  ▼

X  

TP40N Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # TP40N
Description  POWER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

TP40N Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  TP40N Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. TP40N Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. TP40N Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERNATIONAL
1
www.rectifierindia.com
April 2011
POWER DIODE
TP40N/TP40R
Available in Normal & Reverse Polarity
All Diffused Series
Industrial Grade
Available in Avalanche Characteristic
TYPICAL APPLICATIONS
VRRM
(V)
VRSM
(V)
1200
1300
SYMBOL
CONDITIONS
VALUES
IF(AV)
Maximum average forward Current TC = 1400C
40A
VFM
1.35 V
IFSM
500 A
I
2t
Max. I
2t rating (non-rep.) for 10 msec
1250 A
2Sec
IRRM
Peak reverse current at Tvj = 1750C
V0
R0
Tvj=max
Tvj=max
0.85 V
6.00 m
Rth(j-c)
Rth(c-h)
Tvj
Tstg
Maximum thermal resistance (
Junction to case)
Maximum thermal resistance ( Case to heat sink)
Junction temperature
Storage temperature
1.0 C/W
0.30 C/W
150 C
160 C
Mounting torque
4 Nm
Weight
Approx.
30 gms
Package Outline
TP40
TP40N/ TP40R
L
DEVICE TYPE
Maximum peak forward Voltage drop @ Rated I F (Peak)
Maximum peak one cycle (non-rep.) surge current 10 msec
10 mA
FEATURES
TP40N/TP40R
Alternator
TECHNICAL DATA


Similar Part No. - TP40N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP40 ETC2-TP40 Datasheet
245Kb / 2P
78 and 88V Automotive Meters
logo
Extech Instruments Corp...
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Toppower Electronic Tec...
TP400DF24S12 TOPPOWER-TP400DF24S12 Datasheet
656Kb / 3P
300W~400W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP400DF24S24 TOPPOWER-TP400DF24S24 Datasheet
656Kb / 3P
300W~400W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP400DF48S12 TOPPOWER-TP400DF48S12 Datasheet
656Kb / 3P
300W~400W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP40N

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
6NA IRI-6NA Datasheet
541Kb / 3P
POWER DIODE
25NA IRI-25NA Datasheet
414Kb / 3P
POWER DIODE
70NC IRI-70NC Datasheet
364Kb / 3P
POWER DIODE
350NG IRI-350NG Datasheet
607Kb / 3P
POWER DIODE
400NG IRI-400NG Datasheet
1Mb / 3P
POWER DIODE
410NU IRI-410NU Datasheet
882Kb / 4P
POWER DIODE
570NU IRI-570NU Datasheet
656Kb / 5P
POWER DIODE
860NU IRI-860NU Datasheet
1Mb / 5P
POWER DIODE
82PF IRI-82PF_V01 Datasheet
1Mb / 4P
POWER DIODE
40029131 IRI-40029131 Datasheet
2Mb / 3P
POWER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com