Electronic Components Datasheet Search
  English  ▼

X  

F16083 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16083
Description  10째 beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16083 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16083 Datasheet HTML 1Page - Ledil, Inc. F16083 Datasheet HTML 2Page - Ledil, Inc. F16083 Datasheet HTML 3Page - Ledil, Inc. F16083 Datasheet HTML 4Page - Ledil, Inc. F16083 Datasheet HTML 5Page - Ledil, Inc. F16083 Datasheet HTML 6Page - Ledil, Inc. F16083 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
F16083_CARMEN-90-RS
CARMEN-90-RS
10° beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 89.8 mm
Height
39.3 mm
Fastening
socket
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7 kg
Quantity in Box
70 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
CARMEN-90-RS
Single lens
PMMA
clear
Last update: 13/11/2018
Subject to change without prior notice
Published: 18/12/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - F16083

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16000 LEDIL-F16000 Datasheet
3Mb / 9P
Asymmetric beam for wall washing and 0.5 mm metal sheet or profile
F16002 LEDIL-F16002 Datasheet
1Mb / 23P
Mirella Reflector
F16002 LEDIL-F16002 Datasheet
5Mb / 7P
~50째 wide beam compatible with LEDiL HEKLA
F16002 LEDIL-F16002_18 Datasheet
5Mb / 7P
~50째 wide beam compatible with LEDiL HEKLA
logo
Alpha Wire
F16003KW ALPHAWIRE-F16003KW Datasheet
411Kb / 4P
16 (65/34) AWG Bare Copper
More results

Similar Description - F16083

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14532 LEDIL-F14532 Datasheet
10Mb / 19P
~10째 spot beam
FCP15344 LEDIL-FCP15344 Datasheet
9Mb / 6P
~10째 spot beam
CP14866 LEDIL-CP14866 Datasheet
13Mb / 9P
~10째 real spot beam
FCA15449 LEDIL-FCA15449 Datasheet
8Mb / 5P
~10째 real spot beam
CP16940 LEDIL-CP16940 Datasheet
5Mb / 4P
~10째 spot beam
CP15916 LEDIL-CP15916 Datasheet
18Mb / 13P
~10째 spot beam.
FCP14965 LEDIL-FCP14965 Datasheet
5Mb / 6P
~10째 spot beam
C16686 LEDIL-C16686 Datasheet
11Mb / 11P
~10째 spot beam
CP17151 LEDIL-CP17151 Datasheet
2Mb / 4P
~10째 spot beam
C13529 LEDIL-C13529 Datasheet
9Mb / 12P
~55째 10째 oval beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com