Electronic Components Datasheet Search
  English  ▼

X  

STE-END-Q Datasheet(PDF) 2 Page - SICK AG

Part # STE-END-Q
Description  Plug connector cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

STE-END-Q Datasheet(HTML) 2 Page - SICK AG

  STE-END-Q Datasheet HTML 1Page - SICK AG STE-END-Q Datasheet HTML 2Page - SICK AG STE-END-Q Datasheet HTML 3Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
STE-END-Q
Ordering information
Type
Part no.
STE-END-Q
6021156
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Other connectors and cables
Connection type head A
Male connector, M12, 4-pin, straight, B-coded
Signal type
PROFIBUS DP
Special feature
Terminal resistor
Ambient operating temperature
Head –40 °C ... +85 °C
Classifications
ECl@ss 5.0
27279201
ECl@ss 5.1.4
27279201
ECl@ss 6.0
27279201
ECl@ss 6.2
27279201
ECl@ss 7.0
27279201
ECl@ss 8.0
27279201
ECl@ss 8.1
27279201
ECl@ss 9.0
27440190
ETIM 5.0
EC002062
ETIM 6.0
EC002062
UNSPSC 16.0901
31163032
Dimensional drawing (Dimensions in mm (inch))
47.5 (1.87)
2
| SICK
Online data sheet | 2018-11-17 00:23:45
Subject to change without notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com