Electronic Components Datasheet Search
  English  ▼

X  

SKL310 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SKL310
Description  SMD Schottky Barrier Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SKL310 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SKL310 Datasheet HTML 1Page - Diotec Semiconductor SKL310 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SKL32 ... SKL310
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Junction capacitance
Sperrschichtkapazität
VF [V]
@ IF [A]
@ Tj
Cj [pF]
@
VR [V]
SKL32 ... SKL34/-Q
< 0.50
3
25°C
typ. 180
4
SKL35, SKL36/-Q
< 0.70
3
25°C
typ. 180
4
SKL38, SKL310/-Q
< 0.85
3
25°C
typ. 90
4
Leakage current
Sperrstrom
VR = VRRM
Tj = 25°C
Tj = 25°C
Tj = 100°C
IR
typ. 30µA
< 200 µA
< 18 mA
Typ. thermal resistance junction to ambient – Typ. Wärmewiderstand Sperrschicht – Umgebung
Typ. thermal resistance junction to terminal – Typ. Wärmewiderstand Sperrschicht − Anschluss
RthA
RthT
110 K/W 1)
30 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm
2 copper pads – Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpads)
2
http://www.diotec.com/
© Diotec Semiconductor AG
10
4
10
10
10
1
3
2
1
[µA]
I
R
0
V
RRM
40
60
80
100
[%]
Typ. instantaneous leakage current vs. reverse voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 75°C
j
T = 100°C
j
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0
V
F
0.4
0.6
[V]
1.0
10
2
10
1
10
-1
10
-2
SKL35, SKL36
SKL32...34
T = 25°C
j
SKL38, SKL310
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the terminals
Zul. Richtstrom in Abh. v. d. Temp. der Terminals
[°C]
T
T
150
100
50
0
SKL32 ...SKL34
SKL35 , SKL36
SKL3 8, SKL31 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com