Electronic Components Datasheet Search
  English  ▼

X  

B125S Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # B125S
Description  SMD Single Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B125S Datasheet(HTML) 2 Page - Diotec Semiconductor

  B125S Datasheet HTML 1Page - Diotec Semiconductor B125S Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B40S ... B500S
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 1 A
VF
< 1.1 V
1)
Leakage current
Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
1)
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to IR = 0.25 A
trr
typ. 1500 ns
1)
Typical junction capacitance – Typische Sperrschichtkapazität
VR = 4 V
Cj
25 pF
1)
Typical thermal resistance junction to ambient (per device)
Typischer Wärmewiderstand Sperrschicht – Umgebung (pro Bauteil)
RthA
40 K/W
2)
Typical thermal resistance junction to terminal (per device)
Typischer Wärmewiderstand Sperrschicht – Anschluss (pro Bauteil)
RthT
15 K/W
Type
Typ
Recomm. protective resistance
Empf. Schutzwiderstand
Rt [Ω]
3)
Admiss. load capacitor at Rt
Zul. Ladekondensator mit Rt
CL [µF]
4)
B40S
1.7
2900
0.005
B80S
3.5
1400
0.005
B125S
5.5
900
0.005
B250S
13.3
350
0.005
B380S
17.7
280
0.005
B500S
22.2
220
0.005
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Valid per Diode – Gültig pro Diode
2
Mounted on P.C. Board with 13 x 13 mm
2 copper pads – Montage auf Leiterplatte mit 13 x 13 mm2 Kupferbelag (Lötpads)
3
Rt = VRRM / IFSM
Rt is the equivalent resistance of any protective element which ensures that IFSM is not exceeded
Rt ist der Ersatzwiderstand eines jeglichen Schutzelementes, welches ein Überschreiten von IFSM verhindert
4
CL = 5 ms / Rt
If the Rt CL time constant is less than a quarter of the 50Hz mains period, CL can be charged completely in a
single half wave of the mains. Hence, IFSM occurs as a single pulse only!
Falls die Rt CL Zeitkonstante kleiner ist als ¼ der 50Hz-Netzperiode, kann CL innerhalb einer einzigen
Netzhalbwelle komplett geladen werden. IFSM tritt dann nur als Einzelpuls auf!
2
http://www.diotec.com/
© Diotec Semiconductor AG
R
t
3)
C
L
4)
~
~
+
_
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
40a-(1a-1.1v)
Rated forward current versus ambient temperature )
2
Zul. Richtstrom in Abh. von der Umgebungstemp. )
2
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com