Electronic Components Datasheet Search
  English  ▼

X  

3PMT28A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 3PMT28A
Description  POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

3PMT28A Datasheet(HTML) 2 Page - Microsemi Corporation

  3PMT28A Datasheet HTML 1Page - Microsemi Corporation 3PMT28A Datasheet HTML 2Page - Microsemi Corporation 3PMT28A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWERMITE
®
Low Profile 1500 Watt
Transient Voltage Suppressor
SCOTTSD A L E DIVISION
3PMT5.0A thru 3PMT170A
MICROSEMI
PART NUMBER
STANDOFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
MIN
CLAMPING
VOLTAGE
VC
@ IPP
(FIGURE 4)
VOLTS
MAX
PEAK PULSE
CURRENT
IPP
(FIGURE 4)
AMPS
STANDBY
CURRENT
ID
@ VWM
µA
MAX
TEMPERATURE
COEFFICIENT
OF VBR
αV(BR)
%/°C
MAX
3PMT13A
13
14.4
21.5
69.7
5
.084
3PMT14A
14
15.8
23.2
64.7
5
.086
3PMT15A
15
16.7
24.4
61.5
5
.087
3PMT16A
16
17.8
26.0
57.7
5
.088
3PMT17A
17
18.9
27.6
53.3
5
.090
3PMT18A
18
20.0
29.2
51.4
5
.092
3PMT20A
20
22.2
32.4
46.3
5
.093
3PMT22A
22
24.4
35.5
42.2
5
.094
3PMT24A
24
26.7
38.9
38.6
5
.096
3PMT26A
26
28.9
42.1
35.6
5
.097
3PMT28A
28
31.1
45.4
33.0
5
.098
3PMT30A
30
33.3
48.4
31.0
5
.099
3PMT33A
33
36.7
53.3
28.1
5
.100
3PMT36A
36
40.0
58.1
25.8
5
.101
3PMT40A
40
44.4
64.5
23.2
5
.101
3PMT43A
43
47.8
69.4
21.6
5
.102
3PMT45A
45
50.0
72.7
20.6
5
.102
3PMT48A
48
53.3
77.4
19.4
5
.103
3PMT51A
51
56.7
82.4
18.2
5
.103
3PMT54A
54
60.0
87.1
17.2
5
.104
3PMT58A
58
64.4
93.6
16.0
5
.104
3PMT60A
60
66.7
96.8
15.5
5
.104
3PMT64A
64
71.1
103.0
14.6
5
.105
3PMT70A
70
77.8
113
13.3
5
.105
3PMT75A
75
83.3
121
12.4
5
.105
3PMT78A
78
86.7
126
11.4
5
.106
3PMT85A
85
94.4
137
10.4
5
.106
3PMT90A
90
100
146
10.3
5
.107
3PMT100A
100
111
162
9.3
5
.107
3PMT110A
110
122
177
8.4
5
.107
3PMT120A
120
133
193
7.8
5
.107
3PMT130A
130
144
209
7.2
5
.108
3PMT150A
150
167
243
6.2
5
.108
3PMT160A
160
178
259
5.8
5
.108
3PMT170A
170
189
275
5.5
5
.108
For bi-directional indicate a C suffix after the part number (i.e.: 3PMT170CA). Capacitance will be ½ that shown in figure 3.
Part numbers in italics are preferred devices.
SYMBOLS & DEFINITIONS
Symbol
Definition
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating
temperature range.
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VC
Minimum Clamping Voltage: The maximum voltage the device will exhibit at the peak pulse current.
ID
Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and
temperature.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
12-6-2002 REV A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com