Electronic Components Datasheet Search
  English  ▼

X  

20VL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 20VL
Description  AC Line Rated Disc Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20VL Datasheet(HTML) 3 Page - Vishay Siliconix

  20VL Datasheet HTML 1Page - Vishay Siliconix 20VL Datasheet HTML 2Page - Vishay Siliconix 20VL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 23092
Revision 14-May-02
www.vishay.com
22
440L, 30LV, 30LVS, 25Y, 125L, 20VL Series
Vishay Cera-Mite
ceramite.support@vishay.com
AC Line Rated Disc Capacitors
* 20VLP10 not available with CSA 22.2 No. 8 recognition.
Agency Files/ Licenses
440L
30LV
30LVS
25Y
125L
20VL
Underwriters Laboratories Inc.
UL 1414 Antenna-Coupling Components
E99264
E99264
—
—
—
—
UL 1414 Line-By-Pass Components
—
—
E99264
E99264
E99264
—
UL 1283 Electromagnetic Interference Filters
E128046
E99264
E128046
E99264
—
E128046
Canadian Standards Association:
CSA 22.2 No.1 Across-The-Line, Isolation
LR62016
LR62016
—
—
—
—
CSA 22.2 No.1 Isolation
—
—
LR62016
LR62016
LR62016
—
CSA 22.2 No. 8 EMI Filters
—
LR62016
LR62016
LR62016
—
LR62016
European CENELEC Electronic Components Committee (CECC)
Country Certifications:
Specification EN 132 400 to Publication IEC 384-14 Table 11, Edition 2 (1993)
VDE
14239 - 4670 14239 - 4670
14239 - 4670
14239 - 4670
14239 - 4670 14239 - 4670
SEV
95,771173
95,771173
95,771173
95,771173
95,771173
95,771173
SEMKO
954311001
961416201
961416301
954311601
954310601
9543108801
NEMKO
P95104257
P96101228
P96101227
P95104253
P95104252
P95104254
DEMKO
304885
304886
304887
304883
304882
304884
FIMKO
187550 - 01
190061 - 01
190059 - 01
187547 - 01
187548 - 01
187549 - 01
VISHAY
AC
D
T
LS
Φ
VALUE
CERA-MITE LEAK. TEMP
DIAMETER THICKNESS LEAD SPACE WIRE SIZE
pF TOL. NUMBER
IL mA CHAR.
(in/mm)
(in/mm)
(in/mm)
(AWG/in/mm)
1000 M 25YD10
0.17 Y5S
.330 (8.4) .170 (4.3) .250 (6.4)
22 .025 (.64)
1500 M 25YD15
0.25 Y5S
.400 (10.2) .175 (4.4) .250 (6.4)
22 .025 (.64)
2000 M 25YD20
0.33 Y5S
.430 (10.9) .170 (4.3) .250 (6.4)
22 .025 (.64)
2200 M 25YD22
0.36 Y5S
.460 (11.7) .170 (4.3) .250 (6.4)
22 .025 (.64)
2700 M 25YD27
0.45 Y5S
.490 (12.4) .170 (4.3) .250 (6.4)
22 .025 (.64)
2800 M 25YD28
0.46 Y5S
.530 (13.5) .175 (4.4) .250 (6.4)
22 .025 (.64)
3000 M 25YD30
0.50 Y5S
.530 (13.5) .175 (4.4) .250 (6.4)
22 .025 (.64)
3200 M 25YD32
0.53 Y5S
.560 (14.2) .185 (4.7) .375 (9.5)
20 .032 (.81)
3300 M 25YD33
0.55 Y5S
.560 (14.2) .185 (4.7) .375 (9.5)
20 .032 (.81)
3900 M 25YD39
0.64 Y5S
.620 (15.7) .185 (4.7) .375 (9.5)
20 .032 (.81)
4000 M 25YD40
0.66 Y5S
.620 (15.7) .185 (4.7) .375 (9.5)
20 .032 (.81)
4700 M 25YD47
0.78 Y5S
.680 (17.3) .185 (4.7) .375 (9.5)
20 .032 (.81)
5000 M 25YD50
0.83 Y5S
.680 (17.3) .185 (4.7) .375 (9.5)
20 .032 (.81)
5500 M 25YD55
0.91 Y5S
.720 (18.3) .190 (4.8) .375 (9.5)
20 .032 (.81)
5600 M 25YD56
0.92 Y5S
.720 (18.3) .190 (4.8) .375 (9.5)
20 .032 (.81)
6800 M 25YD68
1.12 Y5S
.790 (20.1) .185 (4.7) .375 (9.5)
20 .032 (.81)
8000 M 25YD80
1.32 Y5S
.900 (22.9) .200 (5.1) .375 (9.5)
20 .032 (.81)
Note 5
Note 6
VISHAY
AC
D
T
LS
F
VALUE
CERA-MITE
LEAK.
TEMP
DIAMETER
THICK.
LEAD SPACE WIRE SIZE
pF
TOL. NUMBER
IL mA CHAR.
(in/mm)
(in/mm)
(in/mm)
(AWG/in/mm)
1000 M 30LVSD10 0.15
Y5U .330 (8.4) .195 (5.0) .250 (6.4) 22 .025 (.64)
1500 M 30LVSD15 0.23
Y5U .330 (8.4) .185 (4.7) .250 (6.4) 22 .025 (.64)
2000 M 30LVSD20 0.31
Y5U .330 (8.4) .175 (4.4) .250 (6.4) 22 .025 (.64)
2200 M 30LVSD22 0.34
Y5U .330 (8.4) .170 (4.3) .250 (6.4) 22 .025 (.64)
2700 M 30LVSD27 0.41
Y5U .365 (9.3) .180 (4.6) .250 (6.4) 22 .025 (.64)
2800 M 30LVSD28 0.43
Y5U .365 (9.3) .180 (4.6) .250 (6.4) 22 .025 (.64)
3000 M 30LVSD30 0.46
Y5U .400 (10.2) .180 (4.6) .250 (6.4) 22 .025 (.64)
3200 M 30LVSD32 0.49
Y5U .400 (10.2) .175 (4.4) .250 (6.4) 22 .025 (.64)
3300 M 30LVSD33 0.50
Y5U .400 (10.2) .175 (4.4) .250 (6.4) 22 .025 (.64)
3900 M 30LVSD39 0.59
Y5U .460 (11.7) .185 (4.7) .250 (6.4) 22 .025 (.64)
4000 M 30LVSD40 0.61
Y5U .490 (12.4) .185 (4.7) .250 (6.4) 22 .025 (.64)
4700 M 30LVSD47 0.72
Y5U .490 (12.4) .180 (4.6) .250 (6.4) 22 .025 (.64)
4700 M 30LVSVD47 0.72
Y5V .430 (10.9) .185 (4.7) .250 (6.4) 22 .025 (.64)
5000 M 30LVSD50 0.76
Y5U .530 (13.5) .180 (4.6) .250 (6.4) 22 .025 (.64)
5500 M 30LVSD55 0.84
Y5U .530 (13.5) .185 (4.7) .250 (6.4) 22 .025 (.64)
6800 M 30LVSD68 1.04
Y5U .620 (15.7) .200 (5.1) .375 (9.5) 20 .032 (.81)
.010µF M 30LVSS10 1.52
Y5U .720 (18.3) .200 (5.1) .375 (9.5) 20 .032 (.81)
.010µF M 30LVSVS10 1.52
Y5V .620 (15.7) .200 (5.1) .375 (9.5) 20 .032 (.81)
Note 5
Note 6
VISHAY
AC
D
T
LS
Φ
VALUE
CERA-MITE
LEAK. TEMP DIAMETER THICKNESS LEAD SPACE
WIRE SIZE
pF
TOL. NUMBER
IL mA CHAR. (in/mm)
(in/mm)
(in/mm)
(AWG/in/mm)
1000
M 125LD10
0.07
Y5V .330 (8.4) .195 (5.0) .250 (6.4) 20 .032 (.81)
1500
M 125LD15
0.11
Y5V .330 (8.4) .195 (5.0) .250 (6.4) 20 .032 (.81)
2000
M 125LD20
0.15
Y5V .330 (8.4) .185 (4.7) .250 (6.4) 20 .032 (.81)
2200
M 125LD22
0.17
Y5V .330 (8.4) .180 (4.6) .250 (6.4) 20 .032 (.81)
3300
M 125LD33
0.25
Y5V .365 (9.3) .195 (5.0) .250 (6.4) 20 .032 (.81)
4700
M 125LD47
0.36
Y5V .400 (10.2) .185 (4.7) .250 (6.4) 20 .032 (.81)
5000
M 125LD50
0.38
Y5V .430 (10.9) .195 (5.0) .375 (9.5) 20 .032 (.81)
6800
M 125LD68
0.52
Y5V .490 (12.4) .190 (4.8) .375 (9.5) 20 .032 (.81)
8200
M 125LD82
0.63
Y5V .530 (13.5) .190 (4.8) .375 (9.5) 20 .032 (.81)
.010µF M 125LS10
0.76
Y5V .560 (14.2) .190 (4.8) .375 (9.5) 20 .032 (.81)
.015µF M 125LS15
1.14
Y5V .720 (18.3) .205 (5.2) .375 (9.5) 20 .032 (.81)
.018µF M 125LS18
1.37
Y5V .790 (20.1) .205 (5.2) .375 (9.5) 20 .032 (.81)
.020µF M 125LS20
1.52
Y5V .620 (15.7) .240 (6.1) .375 (9.5) 22 .025 (.64)
.022µF M 125LS22
1.67
Y5V .900 (22.9) .185 (4.7) .375 (9.5) 20 .032 (.81)
.030µF M 125LS30
2.28
Y5V .720 (17.3) .240 (6.1) .375 (9.5) 22 .025 (.64)
.050µF M 125LS50
3.80
Y5V .900 (22.9) .240 (6.1) .375 (9.5) 22 .025 (.64)
Note 5
Note 6
125L SERIES
AC RATED CERAMIC DISC CAPACITORS
Economical, Line-by-Pass, X1 & Y4 Applications
UL 1414
CSA 22.2
IEC 384-14 2nd Edition
Line-By-Pass
No. 1 - Isolation
Y4 - 125 VAC
X1 - 400 VAC
VISHAY
D
T
LS
Φ
VALUE
CERA-MITE
TEMP
DIAMETER
THICKNESS
LEAD SPACE
WIRE SIZE
µF
TOL.
NUMBER
CHAR.
(in/mm)
(in/mm)
(in/mm)
(AWG/in/mm)
.009 M
20VLD90
Y5V .530 (13.5) .150 (3.8)
.375 (9.5)
22 .025 (.64)
.010 M
20VLS10
Y5V .620 (15.7) .150 (3.8)
.375 (9.5)
22 .025 (.64)
.010 Z
20VLSS10
Z5U .530 (13.5) .160 (4.1)
.250 (6.4)
22 .025 (.64)
.020 Z
20VLS20
Y5V .720 (18.3) .150 (3.8)
.375 (9.5)
22 .025 (.64)
.100 M
20VLP10 *
Y5V .940 (23.9) .240 (6.1)
.375 (9.5)
22 .025 (.64)
20VL SERIES
AC RATED CERAMIC DISC CAPACITORS
High Cap Valve, Compact Size, X2 Applications
UL 1283
CSA 22.2
IEC 384-14 2nd Edition
EMI Filters
No. 8 - EMI Filters
X2 - 400 VAC
INTERNATIONAL SAFETY AGENCY APPROVALS
30LVS SERIES
AC RATED CERAMIC DISC CAPACITORS
Compact Size for EMI Filtering, X1 & Y2 Applications
UL 1414
UL 1283
CSA 22.2
IEC 384-1
Line-By-Pass
EMI Filters
No. 1 - Isolation
2nd Edition
No. 8 - EMI Filters
Y2 - 250 VAC
X1 - 400 VAC
25Y SERIES
AC RATED CERAMIC DISC CAPACITORS
Temperature Stable Y5S (-30°C to +85°C ±22%),
X1 & Y2 Applications
UL 1414
UL 1283
CSA 22.2
IEC 384-14
Line-By-Pass
EMI Filters
No. 1 - Isolation
2nd Edition
No. 8 - EMI Filters
Y2 - 250 VAC
X1 - 400 VAC
440L, 30LV, 30LVS, 25Y, 125L, 20VL Series
Note 6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com