Electronic Components Datasheet Search
  English  ▼

X  

MP05037 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05037
Description  SAW Filter 918.60MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05037 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05037 Datasheet HTML 1Page - Golledge Electronics Ltd MP05037 Datasheet HTML 2Page - Golledge Electronics Ltd MP05037 Datasheet HTML 3Page - Golledge Electronics Ltd MP05037 Datasheet HTML 4Page - Golledge Electronics Ltd MP05037 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 918.60MHz
Model: TA1449A
Part No: MP05037
Rev No: 1
TA1449A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 5V
3. Operating Temperature: 0°C to +80°C
4. Storage Temperature: -30°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
918.6
-
Insertion Loss (916.8 ~ 920.4MHz) IL
dB
-
3.5
7
Amplitude Ripple (916.8 ~ 920.4MHz)
dB
-
1.0
4.5
Attenuation (Reference level from 0dB)
715 ~ 900MHz
dB
15
50
-
900 ~ 915MHz
dB
2.5
4
-
928 ~ 1000MHz
dB
5
26
-
1000 ~ 1500MHz
dB
15
40
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
C. MEASUREMENT CIRCUIT:

HP Network analyzer

SAW Filter
2
6
1,3,4,5,7,8


Similar Part No. - MP05037

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05034 GOLLEDGE-MP05034 Datasheet
198Kb / 6P
SAW Filter 860.50MHz
MP05039 GOLLEDGE-MP05039 Datasheet
211Kb / 5P
SAW Filter 918.60MHz
More results

Similar Description - MP05037

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP05039 GOLLEDGE-MP05039 Datasheet
211Kb / 5P
SAW Filter 918.60MHz
MP07320 GOLLEDGE-MP07320 Datasheet
174Kb / 8P
SAW Filter 918.60MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com