Electronic Components Datasheet Search
  English  ▼

X  

MP04693 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04693
Description  SAW Filter 433. 0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04693 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04693 Datasheet HTML 1Page - Golledge Electronics Ltd MP04693 Datasheet HTML 2Page - Golledge Electronics Ltd MP04693 Datasheet HTML 3Page - Golledge Electronics Ltd MP04693 Datasheet HTML 4Page - Golledge Electronics Ltd MP04693 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 433. 0MHz
Model: TA1473A
Part No: MP04693
Rev No: 1
TA1473A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +72°C
4. Storage Temperature: -30°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance (single ended): ZS = 50Ω
2. Terminating load impedance (single ended): ZL = 50Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
433
-
-
Min. Insertion Loss IL min
dB
-
1.3
2.8
-
Bandwidth BW -3dB
dB
20
23.6
-
-
Attenuation (reference level from 0dB)
10 ~ 410MHz
dB
35
53
-
-
470 ~ 680MHz
dB
35
46
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
-
C. MEASUREMENT CIRCUIT:

HP Network analyzer

SAW Filter
2
5
1,3,4,6


Similar Part No. - MP04693

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04690 GOLLEDGE-MP04690 Datasheet
128Kb / 5P
SAW Filter 388.0MHz
MP04691 GOLLEDGE-MP04691 Datasheet
109Kb / 7P
SAW Filter 426.440MHz
MP04692 GOLLEDGE-MP04692 Datasheet
233Kb / 6P
SAW Filter 428.550MHz
MP04694 GOLLEDGE-MP04694 Datasheet
124Kb / 5P
SAW Filter 435. 0MHz
MP04699 GOLLEDGE-MP04699 Datasheet
245Kb / 6P
SAW Filter 452.50MHz
More results

Similar Description - MP04693

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0433BA02629S SPECTRUM-SF0433BA02629S Datasheet
134Kb / 3P
433 MHz SAW Filter 20 MHz Bandwidth
logo
API Technologies Corp
SF0433BA02629S APITECH-SF0433BA02629S Datasheet
134Kb / 3P
433 MHz SAW Filter 20 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA433K1 TAI-SAW-TA433K1 Datasheet
156Kb / 4P
SAW Filter 433 MHz
TA1473A TAI-SAW-TA1473A Datasheet
401Kb / 7P
SAW Filter 433 MHz
logo
rfsolutions.ltd
BOGEYBOARD-433 RFSOLUTIONS-BOGEYBOARD-433 Datasheet
1Mb / 4P
BOGEYBOARD-433
logo
TAI-SAW TECHNOLOGY CO.,...
TA0286B TAI-SAW-TA0286B Datasheet
653Kb / 6P
SAW Filter 433 MHz
TA1914A TAI-SAW-TA1914A Datasheet
305Kb / 6P
SAW Filter 433 MHz
logo
Golledge Electronics Lt...
MP04694 GOLLEDGE-MP04694 Datasheet
124Kb / 5P
SAW Filter 435. 0MHz
MA03705 GOLLEDGE-MA03705 Datasheet
228Kb / 4P
SAW Filter 915 0MHz for ISM900
logo
AUREL S.p.A.
650201131G AUREL-650201131G Datasheet
440Kb / 1P
433 MHz ASK SAW - FR4 Substrate Trasmettitore 433 MHz ASK SAW su FR4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com