Electronic Components Datasheet Search
  English  ▼

X  

MP04679 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04679
Description  SAW Filter 184.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04679 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04679 Datasheet HTML 1Page - Golledge Electronics Ltd MP04679 Datasheet HTML 2Page - Golledge Electronics Ltd MP04679 Datasheet HTML 3Page - Golledge Electronics Ltd MP04679 Datasheet HTML 4Page - Golledge Electronics Ltd MP04679 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 184.0MHz
Model: TA1450A
Part No: MP04679
Rev No: 1
TA1450A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 22dBm
2. DC Voltage: 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance (single ended): ZS = 50Ω
2. Terminating load impedance (single ended): ZL = 50Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
184
-
-
Min. Insertion Loss IL min
dB
-
1.6
2.8
-
Bandwidth @ -1dB
MHz
4
7
-
-
Bandwidth @ -3dB
MHz
6
9.6
-
-
Bandwidth @ -20dB
MHz
-
13
24
-
Attenuation (reference level from 0dB)
Fc -50 ~ Fc -30MHz
dB
42
55
-
-
Fc -30 ~ Fc -15MHz
dB
36
53
-
-
Fc +30 ~ Fc +50MHz
dB
42
50
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
-
Note: IL min is the minimum of the pass band attenuation. The center frequency Fc is the
mean value of the upper and lower frequencies at the 3dB filter attenuation level relative to
the IL min.


Similar Part No. - MP04679

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04602 GOLLEDGE-MP04602 Datasheet
228Kb / 6P
SAW Filter 433.816MHz
MP04621 GOLLEDGE-MP04621 Datasheet
113Kb / 6P
SAW Filter 886.0MHz
MP04630 GOLLEDGE-MP04630 Datasheet
159Kb / 6P
SAW Filter 1542.50MHz
MP04634 GOLLEDGE-MP04634 Datasheet
438Kb / 7P
SAW Filter 1284.0MHz
MP04654 GOLLEDGE-MP04654 Datasheet
166Kb / 6P
SAW Filter 495.0MHz
More results

Similar Description - MP04679

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA06029 GOLLEDGE-MA06029 Datasheet
116Kb / 4P
SAW Filter 184.0MHz
MA07106 GOLLEDGE-MA07106 Datasheet
110Kb / 4P
SAW Filter 184.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com