Electronic Components Datasheet Search
  English  ▼

X  

TA147FD Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # TA147FD
Description  SAW Filter for Pager 147.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA147FD Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  TA147FD Datasheet HTML 1Page - Golledge Electronics Ltd TA147FD Datasheet HTML 2Page - Golledge Electronics Ltd TA147FD Datasheet HTML 3Page - Golledge Electronics Ltd TA147FD Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter for Pager 147.0MHz
Model: TA147FD
Part No: MA04019
Rev No: 6
TA147FD v6
1
A. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 10V
3. Operating Temperature: -10°C to +50°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Specification
Note
Center frequency Fc (MHz)
147
1
IL (Within Fc ± 4MHz)
6.5 Max.
1
Amplitude Ripple, AR (Within Fc ± 4MHz) (dB)
2.1 Max.
Attenuation: (Reference level from 0dB) (dB)
Fc -100MHz to -38.8MHz (dB)
50 Min.
1
Fc +38.8MHz to +100MHz (dB)
42 Min.
Impedance at Fc:
Input ZIN = RIN // CIN
390
 // 300 pF
2
Output ZOUT = ROUT // COUT
1164
 // 374 pF
2
Note 1. The standard definitions is in JIS C 6703
Note 2.
ZIN=390 // 300pF
ZOUT=1164 // 374pF
Source im pedance
50
Load im pedance
50


Similar Part No. - TA147FD

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA147FD TAI-SAW-TA147FD Datasheet
302Kb / 5P
SAW Filter 147 MHz For Pager
More results

Similar Description - TA147FD

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA930GC TAI-SAW-TA930GC Datasheet
403Kb / 6P
SAW Filter 930.5 MHz for Pager
logo
Oscilent Corporation
813-SL147.0M-10B OSCILENT-813-SL147.0M-10B Datasheet
182Kb / 6P
147.0MHz IF SAW Filter 9.5 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA155FD TAI-SAW-TA155FD Datasheet
297Kb / 5P
SAW Filter 155 MHz For Pager
TA280E1 TAI-SAW-TA280E1 Datasheet
127Kb / 5P
SAW Filter 280, 281, 284 MHz For Pager
TA446E1 TAI-SAW-TA446E1 Datasheet
153Kb / 4P
SAW Filter 446 MHz For Pager
TA935EC TAI-SAW-TA935EC Datasheet
437Kb / 5P
SAW Filter 935 MHz For Pager
TA147FD TAI-SAW-TA147FD Datasheet
302Kb / 5P
SAW Filter 147 MHz For Pager
TA0221A TAI-SAW-TA0221A Datasheet
315Kb / 5P
SAW Filter 930.5MHz for Pager
TA229E1 TAI-SAW-TA229E1 Datasheet
731Kb / 4P
SAW Filter 229.5 MHz For Pager
TA284GC TAI-SAW-TA284GC Datasheet
251Kb / 5P
SAW Filter 284 MHz For Pager
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com