Electronic Components Datasheet Search
  English  ▼

X  

AP2007SA Datasheet(PDF) 6 Page - Anachip Corp

Part # AP2007SA
Description  Synchronous PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2007SA Datasheet(HTML) 6 Page - Anachip Corp

  AP2007SA Datasheet HTML 1Page - Anachip Corp AP2007SA Datasheet HTML 2Page - Anachip Corp AP2007SA Datasheet HTML 3Page - Anachip Corp AP2007SA Datasheet HTML 4Page - Anachip Corp AP2007SA Datasheet HTML 5Page - Anachip Corp AP2007SA Datasheet HTML 6Page - Anachip Corp AP2007SA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP2007
Synchronous PWM with VFC Controller
(Preliminary)
Anachip Corp
www.anachip.com.tw
Rev. 1.0 Apr 1, 2005
6/7
Function Description (Continued)
Hiccup Mode
During power up, the SS/ SHDN pin is internally
pulled low until VCC reaches the under-voltage
lockout level of 4V. Once VCC has reached 4V, the
SS/ SHDN pin is released and begins to source
10uA of current to the external soft-start capacitor.
As the soft-start voltage rises, the inverting input of
the error comparator is clamped to this voltage.
When the error signal reaches the level of the
internal 0.8V reference, the output voltage is to have
reached its programmed voltage. If an over-current
condition has not occurred the soft-start voltage will
continue to rise and level off at about 2.5V.
An over-current condition occurs when the high-side
drive is turned on, but the PHASE node does not
reach the voltage level set at the OCSET pin. Once
an over-current occurs, the high-side drive is turned
off and the low-side drive turns on and the
SS/ SHDN pin begins to sink 2uA. The soft-start
voltage will begin to decrease as the 2uA of current
discharge the external capacitor. When the soft-start
voltage reaches 0.2V, the SS/ SHDN pin will begin to
source 10uA and begin to charge the external
capacitor causing the soft-start voltage to rise again.
If the over-current condition is no longer present,
normal operation will continue. If the over-current
condition is still present, the SS/ SHDN pin will again
begin to sink 2uA. This cycle will continue indefinitely
until the over-current condition is removed.
In order to prevent substrate glitching, a small-signal
diode should be placed in close proximity to the chip
with cathode connected to PHASE and anode
connected to GND.
Marking Information
(Top View)
SOP-8L
AP2007
YY WW X
Logo
Part No.
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com