Electronic Components Datasheet Search
  English  ▼

X  

HS1DFL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HS1DFL
Description  1A, 50V - 1000V High Efficient Surface Mount Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1DFL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HS1DFL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1DFL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS1DFL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS1DFL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HS1DFL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd HS1DFL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd HS1DFL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HS1AFL - HS1MFL
Taiwan Semiconductor
2
Version:A1804
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP.
UNIT
Junction-to-lead thermal resistance per diode
RӨJL
17
°C/W
Junction-to-ambient thermal resistance per diode
RӨJA
85
°C/W
Junction-to-case thermal resistance per diode
RӨJC
19
°C/W
Thermal Performance Note: Units mounted on PCB (5mm x 5mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP.
MAX. UNIT
Forward voltage per diode
(1)
HS1AFL
HS1BFL
HS1DFL
HS1FFL
IF = 0.5A, TJ = 25°C
VF
0.82
-
V
IF = 1.0A, TJ = 25°C
0.89
0.95
V
IF = 0.5A, TJ = 125°C
0.67
-
V
IF = 1.0A, TJ = 125°C
0.75
0.81
V
Forward voltage per diode
(1)
HS1GFL
IF = 0.5A, TJ = 25°C
VF
0.93
-
V
IF = 1.0A, TJ = 25°C
1.01
1.30
V
IF = 0.5A, TJ = 125°C
0.74
-
V
IF = 1.0A, TJ = 125°C
0.85
1.10
V
Forward voltage per diode
(1)
HS1JFL
HS1KFL
HS1MFL
IF = 0.5A, TJ = 25°C
VF
1.21
-
V
IF = 1.0A, TJ = 25°C
1.36
1.70
V
IF = 0.5A, TJ = 125°C
0.94
-
V
IF = 1.0A, TJ = 125°C
1.10
1.38
V
Reverse current @ rated VR per diode
(2)
TJ = 25°C
IR
-
5
µA
TJ = 125°C
-
150
µA
Junction capacitance
HS1AFL
HS1BFL
HS1DFL
HS1FFL
HS1GFL
1 MHz, VR=4.0V
CJ
11
-
pF
HS1JFL
HS1KFL
HS1MFL
6
-
pF
Reverse recovery time
HS1AFL
HS1BFL
HS1DFL
HS1FFL
HS1GFL
IF=0.5A ,IR=1.0A
IRR=0.25A
trr
-
50
ns
HS1JFL
HS1KFL
HS1MFL
trr
-
75
ns
Notes:
1. Pulse test with PW=0.3 ms
2. Pulse test with PW=30 ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com