Electronic Components Datasheet Search
  English  ▼

X  

HT11G-K Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # HT11G-K
Description  1A, 50V - 1000V Glass Passivated High Efficient Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HT11G-K Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  HT11G-K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HT11G-K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HT11G-K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HT11G-K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HT11G-K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd HT11G-K Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd HT11G-K Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HT11G-K - HT18G-K
Taiwan Semiconductor
3
Version:B1705
ORDERING INFORMATION
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
HT1XG-K
(Note 1, 2)
A0
G
TS-1
3,000 / Ammo box (52mm taping)
A1
TS-1
3,000 / Ammo box (26mm taping)
R0
TS-1
5,000 / 13" Paper reel
B0
TS-1
1,000 / Bulk packing
Notes:
1. "x" defines voltage from 50V (HT11G-K) to 1000V (HT18G-K)
2. Whole series with green compound (halogen-free)
EXAMPLE P/N
EXAMPLE P/N
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
HT11G-K A0G
HT11G-K
A0
G
Green compound



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com