Electronic Components Datasheet Search
  English  ▼

X  

OM9373SP Datasheet(PDF) 2 Page - International Rectifier

Part # OM9373SP
Description  FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM9373SP Datasheet(HTML) 2 Page - International Rectifier

  OM9373SP Datasheet HTML 1Page - International Rectifier OM9373SP Datasheet HTML 2Page - International Rectifier OM9373SP Datasheet HTML 3Page - International Rectifier OM9373SP Datasheet HTML 4Page - International Rectifier OM9373SP Datasheet HTML 5Page - International Rectifier OM9373SP Datasheet HTML 6Page - International Rectifier OM9373SP Datasheet HTML 7Page - International Rectifier OM9373SP Datasheet HTML 8Page - International Rectifier OM9373SP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
OM9373
2
www.irf.com
* T
CASE
= 25°C
* * T
CASE
= 25°C, Maximum pulse width = 10 mS
Note 1: Logic Inputs: Direction, Hall Inputs (H1--- H3) Overvoltage - Coast, Speed, and Quad Select.
Note 2: The internal 5m
Ω current sense resistor is limited to 6 Wdc power disipation. Other values are avaliable.
Please contact International Rectifier for more information.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Motor Supply Voltage
Vm
80
Peak Motor Supply Voltage
Vm pk
100
Average Phase Output Current
Io
25
A*
Peak Phase Output Current
Iom
50
Apeak **
Control Supply Voltage
Vcc
+18
Logic Input Voltage (Note 1)
-0.3 to +8.0
Reference Source Current
-30
mA
Error Amplifier Input Voltage Range
( EA1+ / EA1-)
-0.3 to +10
V
Error Amplifier Output Current
±8
mA
Spare Amplifier Input Voltage
( EA2+ / EA2-)
-0.3 to +10
V
Spare Amplifier Output Current
±8
mA
Current Sense Amplifier Input Voltage
(ISH / ISL)
-0.3 to +6.0
V
Current Sense Amplifier Output Current
Tachometer Output Current
PWM Input Voltage
-0.3 to +6.0
V
Operating Junction Temperature
-55 to 150
Storage Temperature Range
-65 to 150
°C
Lead Soldering Temperature, 10s maximum, 0.125" from case
300
Package Isolation Voltage
600
Vrms
Power Switch Junction-to-Case Thermal Resistance
RθJC
0.35
°C/W
V
±10
mA
V
Recommended Operating Conditions ( Tcase = 25°C )
Parameter
Symbol
Value
Units
Motor Power Supply Voltage
Vm
+48
V
Average Phase Output Current
With Internal Current Sense Resistor ( Note2 )
Io
25
A
Each Power Switch
Control Supply Voltage
Vcc
15+10%
Logic Low Input Voltage (maximum)
Vil
0.8
V
Logic High Input Voltage (minimum)
Vih
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com