Electronic Components Datasheet Search
  English  ▼

X  

OPB780 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB780
Description  Slotted Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB780 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB780 Datasheet HTML 1Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/05
Page 1 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology
Slotted Switch
OPB780
Features:
• High-Resolution conversion of Light intensity to Frequency
• Communicates Directly with a Microcontroller
• Single-Supply Operation (2.7V to 5.5V)
• Nonlinearity Error Typically 0.2% at 50 kHz
• Stable 200 ppm/°C Temperature Coefficient
Description:
The OPB780 programmable color light-to-frequency converter combines configurable silicon photodiodes and a current-to-
frequency converter on single monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with
frequency directly proportional to light intensity (irradiance). The full-scale output frequency can be scaled by one of three
preset values via two control input pins. Digital inputs and digital output allow direct interface to a microcontroller or other
logic circuitry. Output enable (OE@) places the output in the high-impedance state for multiple-unit sharing of a
microcontroller input line.
The light-to-frequency converter reads an 8 x 8 array of photodiodes. Sixteen photodiodes have blue filters, 16 photodiodes
have green filters, 16 photodiodes have red filters, and 16 photodiodes are clear with no filters. The four types (colors) of
photodiodes are interdigitated to minimize the effect of non-uniformity of incident irradiance. All 16 photodiodes of the same
color are connected in parallel and which type of photodiode the device uses during operation is pin-selectable.
Product Photo Here
Ordering Information
OPB780
Programmable Color Light-To-Frequency converter
Color-
Pin #
Description
1
SO
2
S1
3
OE
4
Ground
5
VDD
6
Output
7
S2
8
S3
Applications:
• Bill Validation
• Object Color Recognition
• Pill Verification
• Vending Machine Object Verification
• Identification of Paint Color
• Badge Color Identification
• Monitor to Printer Matching
• Etc.
RoHS


Similar Part No. - OPB780

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB780-KIT TTELEC-OPB780-KIT Datasheet
299Kb / 9P
Color Sensor Evaluation Kit
logo
OPTEK Technologies
OPB780Z OPTEK-OPB780Z Datasheet
285Kb / 6P
Reflective Color Sensor Assembly
More results

Similar Description - OPB780

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSS10000 MARKTECH-MTSS10000 Datasheet
135Kb / 4P
SLOTTED SWITCH
MTSS10010 MARKTECH-MTSS10010 Datasheet
151Kb / 5P
SLOTTED SWITCH
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
SLOTTED SWITCH
MTSS10050 MARKTECH-MTSS10050 Datasheet
98Kb / 3P
SLOTTED SWITCH
MTSS12000 MARKTECH-MTSS12000 Datasheet
107Kb / 4P
SLOTTED SWITCH
MTSS5070A MARKTECH-MTSS5070A Datasheet
40Kb / 2P
SLOTTED SWITCH
MTSS8000A MARKTECH-MTSS8000A Datasheet
119Kb / 3P
SLOTTED SWITCH
MTSS8050 MARKTECH-MTSS8050 Datasheet
127Kb / 3P
SLOTTED SWITCH
MTSS8520 MARKTECH-MTSS8520 Datasheet
116Kb / 3P
SLOTTED SWITCH
logo
OPTEK Technologies
OPB885Z OPTEK-OPB885Z Datasheet
863Kb / 3P
Slotted Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com