Electronic Components Datasheet Search
  English  ▼

X  

CXOU Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CXOU
Description  Ultra-Low Current Minauture Crystal Oscillator 32.768kHz - 100.0kHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CXOU Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CXOU Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
CXOU is an ultra-miniature (2.0 x 1.2mm), ultra-low current quartz
crystal oscillator developed for high reliability applications.
Hermetically sealed in a highly reliable ceramic housing, this oscillator
is available at start-up voltages in the range of 0.9V - 5.0V
OUTLINE & DIMENSIONS
FEATURES
Ultra-low current consumption
Helium impermeable ceramic package and lid
Non-magnetic
Typical Start-up time of 200ms
Optional output enable/disable with Tri-State
Full military testing available
CXOU OSCILLATOR
Ultra-Low Current Minauture Crystal Oscillator
32.768kHz - 100.0kHz
APPLICATIONS
Medical: Implantable pacemakers
Implantable defibrillators
Implantable neuro devices
Other implantable and external medical devices
Frequency Range:
32.768kHz to 100.0MHz
Supply Voltage1:
+1.2V,+2.5V,+3.3V+5.0V ±10%
Calibration Tolerance2:
±20ppm,±50ppm or ±100ppm
Supply Current:
Output Load (CMOS)4:
10pF
Start-up Time:
200ms maximum
Rise/Fall Time (10%-90% wave):
50ns maximum
Output Voltage Hi:
VDD-0.4 min (typ VDD)
Low:
0.4V (typ 0V)
Duty Cycle:
45% min., 55% max. 50% typ
Ageing First Year:
±2ppm
Shock
Shock Survival5:
5000g peak, 0.3ms, ½ sine
Vibration Survival6:
20g, 10~2000Hz swept sine
Operating Temperature Ranges
Commercial:
-10° to +60°C
Industrial:
-40° to +85°C
Military:
-55° to +125°C
Voltage Coefficient:
±1ppm/V
Storage Temperature:
-55°C to +155°C
Process temperature:
+260°C for 2mins max.
SPECIFICATION
32.768 kHz (OE High)
1.75µA
32.768 kHz (OE Low)
0.4µA
100.0 kHz (OE High)
3.9µA
100.0 kHz (OE Low)
0.5µA
Frequency
Supply Current
Vdd = 1.7V
SUPPLY CURRENT
Page 1 of 2
Military
Industrial
Pin Connections
1.
Output
2.
Ground
3.
Tristate
4.
VDD
Dimension A
B
C
D
E
F
G
Mm
2.0
1.20 0.76 0.33
0.43 0.64 0.73
Issue 2


Similar Part No. - CXOU

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CXO GOLLEDGE-CXO Datasheet
49Kb / 1P
SM OSCILLATOR
logo
STATEK CORPORATION
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
logo
EUROQUARTZ limited
CXO EUROQUARTZ-CXO Datasheet
127Kb / 1P
Low Profile Miniature SMD Crystal Oscillator
logo
Kyocera Kinseki Corpota...
CXO-292 KSS-CXO-292 Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-292A KSS-CXO-292A Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
More results

Similar Description - CXOU

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS32KHZ DALLAS-DS32KHZ Datasheet
443Kb / 10P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
ASFLK ABRACON-ASFLK_08 Datasheet
153Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
logo
STATEK CORPORATION
CXOL STATEK-CXOL Datasheet
179Kb / 2P
Ultra-Low Current, Miniature Quartz Crystal Oscillator
logo
Abracon Corporation
ASFLK-32768KHZ-LJT ABRACON-ASFLK-32768KHZ-LJT Datasheet
979Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
09.14.09
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
logo
Fox Electronics
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
logo
Seiko Instruments Inc
SH-32S SII-SH-32S Datasheet
259Kb / 2P
High accuracy Crystal Oscillator 32.768kHz
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Diodes Incorporated
KX251 DIODES-KX251 Datasheet
559Kb / 2P
Ultra Low Current KX Series Crystal Oscillator
REV C 8/27/2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com