Electronic Components Datasheet Search
  English  ▼

X  

SMG2007-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2007-C
Description  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2007-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2007-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2007-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2007-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2007-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
SMG2007-C
-7.2A , -20V , RDS(O ) 19mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode MOSFET
14-Dec-2017 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID= -250uA
Gate-Source Threshold Voltage
VGS(th)
-0.3
-
-0.9
V
VDS=VGS, ID= -250uA
Forward Transconductance
gfs
-
19.1
-
S
VDS= -5V, ID= -4.5A
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0,VGS= ±12V
-
-
-1
VDS= -20V, VGS=0,TJ =25°C
Drain-Source Leakage Current
IDSS
-
-
-5
µA
VDS= -20V, VGS=0,TJ =55°C
-
-
19
VGS= -4.5V, ID= -4A
-
-
25
VGS= -2.5V, ID= -2A
Drain-Source On-Resistance
RDS(ON)
-
-
30
m
VGS= -1.8V, ID= -1A
Total Gate Charge
Qg
-
24.5
-
Gate-Source Charge
Qgs
-
2.9
-
Gate-Drain Charge
Qgd
-
4.9
-
nC
VDS= -10V,
VGS= -4.5V,
ID= -4.5A
Turn-on Delay Time
Td(on)
-
6.8
-
Rise Time
Tr
-
26.6
-
Turn-off Delay Time
Td(off)
-
222.8
-
Fall Time
Tf
-
115.4
-
nS
VDS= -10V,
VGS= -4.5V,
ID= -1A,
RG=6 ,
RL=10
Input Capacitance
Ciss
-
2100
-
Output Capacitance
Coss
-
213
-
Reverse Transfer Capacitance
Crss
-
166
-
pF
VDS= -10V,
VGS=0,
f=1.0MHz
Source-Drain Diode
Continuous Source Current
1
IS
-1.7
A
Pulsed Source Current
3
ISM
-10
A
Forward On Voltage
4
VSD
-
-
-1.2
V
IS= -1.7A, VGS=0V
Reverse Recovery Time
Trr
-
67.5
-
ns
Reverse Recovery Charge
Qrr
-
51.6
-
nC
IS= -1.7A, VGS=0V
dI/dt=100A/µs
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.
When mounted on Min. copper pad.
3.
Pulse width limited by maximum junction temperature , Pulse Width ≤300µs, Duty Cycle≤2%.
4.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com