Electronic Components Datasheet Search
  English  ▼

X  

AP6502 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP6502
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP6502 Datasheet HTML 2Page - Diodes Incorporated AP6502 Datasheet HTML 3Page - Diodes Incorporated AP6502 Datasheet HTML 4Page - Diodes Incorporated AP6502 Datasheet HTML 5Page - Diodes Incorporated AP6502 Datasheet HTML 6Page - Diodes Incorporated AP6502 Datasheet HTML 7Page - Diodes Incorporated AP6502 Datasheet HTML 8Page - Diodes Incorporated AP6502 Datasheet HTML 9Page - Diodes Incorporated AP6502 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AP6502
Document Number: DS35423 Rev. 10 - 2
6 of 14
www.diodes.com
May 2017
© Diodes Incorporated
AP6502
Typical Performance Graphs (Cont.) (VIN = 12V, VOUT = 3.3V, (@TA = +25°C, unless otherwise specified.)
LOAD CURRENT (A)
Efficiency vs. Load Current
0
2
0.4
0.8
1.2
1.6
100
90
50
40
80
70
60
E
F
F
I
C
I
E
N
C
Y
(
%
)
V = 12V
V
= 5V
L = 10µH
IN
OUT
40
45
50
55
60
65
70
75
80
85
90
0
0.4
0.8
1.2
1.6
2
V = 5V
IN
V
= 12V
IN
LOAD CURRENT (A)
Efficiency vs. Load Current
E
F
F
I
C
I
E
N
C
Y
(
%
)
V
= 1.8V
L = 3.3µH
OUT
40
45
50
55
60
65
70
75
80
85
90
0
0.4
0.8
1.2
1.6
2
V = 12V
IN
LOAD CURRENT (A)
Efficiency vs. Load Current
E
F
F
I
C
I
E
N
C
Y
(
%
)
V
= 1.2V
L = 3.3µH
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com