Electronic Components Datasheet Search
  English  ▼

X  

AP63205 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP63205
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63205 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP63205 Datasheet HTML 8Page - Diodes Incorporated AP63205 Datasheet HTML 9Page - Diodes Incorporated AP63205 Datasheet HTML 10Page - Diodes Incorporated AP63205 Datasheet HTML 11Page - Diodes Incorporated AP63205 Datasheet HTML 12Page - Diodes Incorporated AP63205 Datasheet HTML 13Page - Diodes Incorporated AP63205 Datasheet HTML 14Page - Diodes Incorporated AP63205 Datasheet HTML 15Page - Diodes Incorporated AP63205 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Application Information (continued)
8
Power Derating Characteristics
To prevent the regulator from exceeding the maximum junction temperature, some thermal analysis is required. The temperature rise is given by:
����������=����∙(������)
Eq. 4
Where PD is the power dissipated by the regulator and
θJA is the thermal resistance from the junction of the die to the ambient temperature.
The junction temperature, TJ, is given by:
����=����+����������
Eq. 5
Where TA is the ambient temperature of the environment. For the TSOT26 package, the θJA is 89°C/W. The actual junction temperature should not
exceed the absolute maximum junction temperature of +125°C when considering the thermal design. A typical derating curve versus ambient
temperature is shown in Figure 24.
Figure 24. Output Current Derating Curve vs. Temperature, VIN = 12V
9
Setting the Output Voltage
The AP63203 and AP63205 have fixed output voltages of 3.3V and 5V, respectively. The AP63200 and AP63201 have adjustable output
voltages starting from 0.8V using an external resistive divider. An optional in Figure 20, of 10pF to 220pF is used to improve the transient
response. Resistor R2 is selected based on a design tradeoff between efficiency and output voltage accuracy. There is less current consumption
in the feedback network for high values of R2. R1 can be determined by the following equation:
����=����∙(����������
.
����
−��)
Eq. 6
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
12 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com