Electronic Components Datasheet Search
  English  ▼

X  

AP65355FN-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP65355FN-7
Description  650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65355FN-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP65355FN-7 Datasheet HTML 1Page - Diodes Incorporated AP65355FN-7 Datasheet HTML 2Page - Diodes Incorporated AP65355FN-7 Datasheet HTML 3Page - Diodes Incorporated AP65355FN-7 Datasheet HTML 4Page - Diodes Incorporated AP65355FN-7 Datasheet HTML 5Page - Diodes Incorporated AP65355FN-7 Datasheet HTML 6Page - Diodes Incorporated AP65355FN-7 Datasheet HTML 7Page - Diodes Incorporated AP65355FN-7 Datasheet HTML 8Page - Diodes Incorporated AP65355FN-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP65355
Document number: DS37875 Rev. 2 - 2
1 of 15
www.diodes.com
May 2017
© Diodes Incorporated
AP65355
3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Description
The AP65355 is an adaptive constant on-time mode synchronous
buck converter providing high efficiency, excellent transient response
and high DC output accuracy for low-voltage regulation in digital
TV and monitor.
The constant-on-time control scheme handles wide input/output
voltage ratios and provides low external component count. The
internal proprietary circuit enables the device to adopt both low
equivalent series resistance (ESR) output capacitors, such as
SP-CAP or POSCAP and ultra-low ESR ceramic capacitors.
The adaptive on-time control supports seamless transition between
continuous conduction mode (CCM) at higher load conditions and
discontinuous conduction mode (DCM) at lighter load conditions.
DCM allows AP65355 to maintain high efficiency at light load
conditions. The AP65355 also features power good, programmable
soft-start, UVLO, OTP, OVP and OCP to protect the circuit.
This IC is available in U-DFN3030-10 package.
Features
Fixed Frequency Emulated Constant On-time Control
Good Stability Independent of the Output Capacitor ESR
Fast Load Transient Response
Synchronous Rectification: 90
mΩ Internal High-side Switch and
57
mΩ Internal Low-Side Switch
Wide Input Voltage Range: 4.5V to 18V
Output Voltage Range: 0.76V to 6V
Power Good Indicator
3A Continuous Output Current
650kHz Switching Frequency
Built-in Over Current Limit
Built-in Over Voltage Protection
Built-in Thermal Shutdown Protection
Programmable Soft-start
Pre-biased Start-up
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Gaming Consoles
Flat Screen TV Sets and Monitors
Set-Top Boxes
Home Audio
Consumer Electronics
Network Systems
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
EN
PG
FB
VREG5
SS
SW
SW
BST
VIN
VIN
1
2
3
4
5
6
7
8
9
10
Exposed
Pad
11
PGND
( Top View )
U-DFN3030-10


Similar Part No. - AP65355FN-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65352 DIODES-AP65352 Datasheet
809Kb / 15P
3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
December 2017
AP65352SP-13 DIODES-AP65352SP-13 Datasheet
809Kb / 15P
3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
December 2017
AP65353 DIODES-AP65353 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65353SP-13 DIODES-AP65353SP-13 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
More results

Similar Description - AP65355FN-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65353 DIODES-AP65353 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65450 DIODES-AP65450 Datasheet
579Kb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65453 DIODES-AP65453 Datasheet
830Kb / 14P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 1
AP65550 DIODES-AP65550 Datasheet
622Kb / 16P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3451 ETA-ETA3451 Datasheet
268Kb / 2P
6V/3.5A, Fast Response, Adaptive COT Step-Down Converter in Tiny DFN2x2
logo
Diodes Incorporated
AP65352 DIODES-AP65352 Datasheet
809Kb / 15P
3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
December 2017
AP65452 DIODES-AP65452 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65454 DIODES-AP65454 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65455 DIODES-AP65455 Datasheet
1Mb / 15P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2018
AP65552 DIODES-AP65552 Datasheet
1Mb / 13P
5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com