Electronic Components Datasheet Search
  English  ▼

X  

AP65400 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP65400
Description  LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65400 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP65400 Datasheet HTML 7Page - Diodes Incorporated AP65400 Datasheet HTML 8Page - Diodes Incorporated AP65400 Datasheet HTML 9Page - Diodes Incorporated AP65400 Datasheet HTML 10Page - Diodes Incorporated AP65400 Datasheet HTML 11Page - Diodes Incorporated AP65400 Datasheet HTML 12Page - Diodes Incorporated AP65400 Datasheet HTML 13Page - Diodes Incorporated AP65400 Datasheet HTML 14Page - Diodes Incorporated AP65400 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP65400
Document number: DS36497 Rev. 1 - 2
12 of 15
www.diodes.com
April 2014
© Diodes Incorporated
AP65400
Application Information (cont.)
PC Board Layout
This is a high switching frequency converter. Hence attention must be paid to the switching currents interference in the layout. Switching current
from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and circuit traces.
These interconnecting impedances should be minimized by using wide, short printed circuit traces.
Note that the IN to GND decoupling
capacitors need to be immediately adjacent to the IN and GND pins of the device (U1), and 12 thermal vias from the back side thermal pad to
the GND plane are essential to achieve the best operation at full load current.
Figure 4. PC Board Layout
External Bootstrap Diode
It is recommended that an external bootstrap diode be added when the input voltage is no greater than 5V or the 5V rail is available in the
system. This helps to improve the efficiency of the regulator. This solution is also applicable for D > 65%. The bootstrap diode can be a low cost
one such as BAT54 or a Schottky that has a low VF.
Figure 5—External Bootstrap Compensation Components
Recommended Diodes:
Part Number
Voltage/Current
Rating
Vendor
B130
30V, 1A
Diodes Inc
SK13
30V, 1A
Diodes Inc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com