Electronic Components Datasheet Search
  English  ▼

X  

AP65402 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP65402
Description  LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65402 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP65402 Datasheet HTML 3Page - Diodes Incorporated AP65402 Datasheet HTML 4Page - Diodes Incorporated AP65402 Datasheet HTML 5Page - Diodes Incorporated AP65402 Datasheet HTML 6Page - Diodes Incorporated AP65402 Datasheet HTML 7Page - Diodes Incorporated AP65402 Datasheet HTML 8Page - Diodes Incorporated AP65402 Datasheet HTML 9Page - Diodes Incorporated AP65402 Datasheet HTML 10Page - Diodes Incorporated AP65402 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AP65402
Document number: DS37107 Rev. 1 - 2
7 of 15
www.diodes.com
April 2014
© Diodes Incorporated
AP65402
Typical Performance Characteristics (cont.)
(@TA = +25°C, VIN = 12V, VOUT = 3.3V, L = 6.5µH, C1 = 22µF, C2 = 47µF, unless otherwise specified.)
Steady State Test 4A
Time-2µs/div
Startup Through Vin No Load
Time-5ms/div
Startup Through Vin 4A Load
Time-5ms/div
Load Transient Test 2 to 4A
Time-2ms/div
Shutdown Through Vin no load
Time-100ms/div
Shutdown Through Vin 4A Load
Time-100ms/div
Short Circuit Test
Time-50µs/div
Short Circuit Recovery
Time-2ms/div
Load Transient Test 2 to 4A
Time-50µs/div
Load Transient Test 4A to 2A
Time-50µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com