Electronic Components Datasheet Search
  English  ▼

X  

AP65450 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP65450
Description  ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65450 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP65450 Datasheet HTML 7Page - Diodes Incorporated AP65450 Datasheet HTML 8Page - Diodes Incorporated AP65450 Datasheet HTML 9Page - Diodes Incorporated AP65450 Datasheet HTML 10Page - Diodes Incorporated AP65450 Datasheet HTML 11Page - Diodes Incorporated AP65450 Datasheet HTML 12Page - Diodes Incorporated AP65450 Datasheet HTML 13Page - Diodes Incorporated AP65450 Datasheet HTML 14Page - Diodes Incorporated AP65450 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP65450
Document number: DS37135 Rev. 3 - 2
11 of 15
www.diodes.com
August 2017
© Diodes Incorporated
AP65450
Application Information (Cont.)
PC Board Layout
1.
The AP65450 works at 4A load current, heat dissipation is a major concern in layout the PCB. A 2oz Copper in both top and bottom
layer is recommended.
2.
Provide sufficient vias in the thermal exposed pad for heat dissipate to the bottom layer.
3.
Provide sufficient vias in the Output capacitor PGND side to dissipate heat to the bottom layer.
4.
Make the bottom layer under the device as PGND layer for heat dissipation. The PGND layer should be as large as possible to provide
better thermal effect.
5.
Make the Vin capacitors as close to the device as possible.
6.
Make the VREG5 capacitor as close to the device as possible.
7.
The thermal pad of the device should be soldered directly to the PCB exposed copper plane to work as a heatsink. The thermal vias in
the exposed copper plane increase the heat transfer to the bottom layer.
Figure 6 PC Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com