Electronic Components Datasheet Search
  English  ▼

X  

AP65500 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP65500
Description  LIGHT LOAD IMPROVED 5A SYNCH DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65500 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP65500 Datasheet HTML 1Page - Diodes Incorporated AP65500 Datasheet HTML 2Page - Diodes Incorporated AP65500 Datasheet HTML 3Page - Diodes Incorporated AP65500 Datasheet HTML 4Page - Diodes Incorporated AP65500 Datasheet HTML 5Page - Diodes Incorporated AP65500 Datasheet HTML 6Page - Diodes Incorporated AP65500 Datasheet HTML 7Page - Diodes Incorporated AP65500 Datasheet HTML 8Page - Diodes Incorporated AP65500 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP65500
Document number: DS36112 Rev. 1 - 2
2 of 15
www.diodes.com
April 2014
© Diodes Incorporated
AP65500
Pin Descriptions
Pin
Name
Pin
Number
Function
BS
1
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel MOSFET a
0.01µF or greater capacitor from SW to BS to power the high side switch.
IN
2
Power Input. IN supplies the power to the IC, as well as the step-down converter switches. Drive IN
with a 4.75V to 18V power source. Bypass IN to GND with a suitably large capacitor to eliminate noise
on the input to the IC. See Input Capacitor.
SW
3
Power Switching Output. SW is the switching node that supplies power to the output. Connect the
output LC filter from SW to the output load. Note that a capacitor is required from SW to BS to power
the high-side switch.
GND
4
Ground
FB
5
Feedback Input. FB senses the output voltage and regulates it. Drive FB with a resistive voltage
divider connected to it from the output voltage. The feedback threshold is 0.800V. See Setting the
Output Voltage.
COMP
6
Compensation Node. COMP is used to compensate the regulation control loop. Connect a series RC
network from COMP to GND. In some cases, an additional capacitor from COMP to GND is required.
See Compensation Components.
EN
7
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the
regulator; low to turn it off. Attach to IN with a 100k
Ω pull up resistor for automatic startup.
SS
8
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS to GND to set
the soft-start period. A 0.1µF capacitor sets the soft-start period to 13ms. To disable the soft-start
feature, leave SS floating.
EP
EP
Exposed Pad is connected to ground
Functional Block Diagram
Figure 2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com