Electronic Components Datasheet Search
  English  ▼

X  

AP65503 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP65503
Description  LIGHT LOAD IMPROVED 5A, 750kHz SYNCH DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65503 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP65503 Datasheet HTML 1Page - Diodes Incorporated AP65503 Datasheet HTML 2Page - Diodes Incorporated AP65503 Datasheet HTML 3Page - Diodes Incorporated AP65503 Datasheet HTML 4Page - Diodes Incorporated AP65503 Datasheet HTML 5Page - Diodes Incorporated AP65503 Datasheet HTML 6Page - Diodes Incorporated AP65503 Datasheet HTML 7Page - Diodes Incorporated AP65503 Datasheet HTML 8Page - Diodes Incorporated AP65503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP65503
Document number: DS37127 Rev. 1 - 2
4 of 15
www.diodes.com
April 2014
© Diodes Incorporated
AP65503
Electrical Characteristics (@TA = +25°C, VIN = 12V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V
—
0.3
3.0
µA
IQ
Supply Current (Quiescent)
VEN = 2.0V, VFB = 1.0V
—
0.3
1.5
mA
RDS(ON)1
High-Side Switch On-Resistance (Note 8)
—
—
80
—
m
Ω
RDS(ON)2
Low-Side Switch On-Resistance (Note 8)
—
—
32
—
m
Ω
ILIMIT
HS Current Limit
Minimum duty cycle
—
7
—
A
ILIMIT
LS Current Limit
From Drain to Source
—
0.9
—
A
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V, VSW =12V
—
0
10
μA
AVEA
Error Amplifier Voltage Gain
(Note 8)
—
—
800
—
V/V
GEA
Error Amplifier Transconductance
∆IC = ±10µA
—
1000
—
µA/V
GCS
COMP to Current Sense
Transconductance
—
—
2.8
—
A/V
FSW
Oscillator Frequency
VFB = 0.75V
660
750
840
kHz
FFB
Fold-back Frequency
VFB = 0V
—
0.30
—
fSW
DMAX
Maximum Duty Cycle
VFB = 800mV
—
90
—
%
TON
Minimum On Time
—
—
160
—
ns
VFB
Feedback Voltage
TA = -40°C to +85°C
—
800
—
mV
Feedback Overvoltage Threshold
—
—
1.0
—
V
VEN_RISING
EN Rising Threshold
—
0.7
0.8
1.2
V
EN Lockout Threshold Voltage
—
2.2
2.5
2.7
V
EN Lockout Hysteresis
—
—
220
—
mV
INUVVTH
VIN Under Voltage Threshold Rising
—
3.80
4.05
4.40
V
INUVHYS
VIN Under Voltage Threshold Hysteresis
—
—
250
—
mV
Soft-Start Current
VSS = 0V
—
6
—
μA
Soft-Start Period
CSS = 0.1µF
—
13
—
ms
TSD
Thermal Shutdown (Note 8)
—
—
160
—
°C
Note:
8. Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com