Electronic Components Datasheet Search
  English  ▼

X  

1586112 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1586112
Description  Docking frames - HC-B 6-ANDOCK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1586112 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1586112 Datasheet HTML 1Page - PHOENIX CONTACT 1586112 Datasheet HTML 2Page - PHOENIX CONTACT 1586112 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/us/products/1586112
12/5/13   Page 3 / 3
Docking frames - HC-B 6-ANDOCK - 1586112
Dimensioned drawing
86
52
35
M5
44
69
M3
25,8
3
Dimensional drawing
Dimensioned drawing
M5
max.R2
84
54,5
69
±0,1
Panel cutout
Dimensioned drawing
M3
M5
max. dimensions of both the docking frames (in case of standard contacts 25.8 mm;
in case of fiber optics contacts 27 mm; in case of pneumatic contacts 26.5 mm)
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com