Electronic Components Datasheet Search
  English  ▼

X  

74FCT521ATSOG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 74FCT521ATSOG
Description  FAST CMOS 8-BIT IDENTITY COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT521ATSOG Datasheet(HTML) 2 Page - Integrated Device Technology

  74FCT521ATSOG Datasheet HTML 1Page - Integrated Device Technology 74FCT521ATSOG Datasheet HTML 2Page - Integrated Device Technology 74FCT521ATSOG Datasheet HTML 3Page - Integrated Device Technology 74FCT521ATSOG Datasheet HTML 4Page - Integrated Device Technology 74FCT521ATSOG Datasheet HTML 5Page - Integrated Device Technology 74FCT521ATSOG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74FCT521AT/CT
FASTCMOS8-BITIDENTITYCOMPARATOR
PI N CON FI GU RAT I ON
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–60 to +120
mA
ABSOLU T E M AX I M U M RAT I N GS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Pin Names
Description
A0 - A7
Word A Inputs
B0 - B7
Word B Inputs
IA = B
Expansion or Enable Input (Active LOW)
OA = B
Identity Output (Active LOW)
PI N DESCRI PT I ON
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACI TAN CE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
FU N CT I ON TABLE(1)
Inputs
Output
IA = B
A, B
OA = B
L
A = B*
L
LA ≠
≠
≠
≠
≠
BH
H
A = B*
H
HA ≠
≠
≠
≠
≠
BH
TOP VIEW
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
A1
A0
B0
VCC
B1
A3
A2
B2
B3
GND
OA=B
B6
B7
A7
A6
B4
B5
A5
A4
IA=B
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
*
A0 = B0, A1 = B1, A2 = B2, etc.
Package Type
Package Code
Order Code
QSOP
PCG20
QG
SOIC
PSG20
SOG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com