Electronic Components Datasheet Search
  English  ▼

X  

903 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 903
Description  High Speed Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

903 Datasheet(HTML) 2 Page - Maxwell Technologies

  903 Datasheet HTML 1Page - Maxwell Technologies 903 Datasheet HTML 2Page - Maxwell Technologies 903 Datasheet HTML 3Page - Maxwell Technologies 903 Datasheet HTML 4Page - Maxwell Technologies 903 Datasheet HTML 5Page - Maxwell Technologies 903 Datasheet HTML 6Page - Maxwell Technologies 903 Datasheet HTML 7Page - Maxwell Technologies 903 Datasheet HTML 8Page - Maxwell Technologies 903 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
09.12.02 REV 1
All data sheets are subject to change without notice
©2002 Maxwell TechnologiesAll
rights reserved.
High-Speed Comparator
903
TABLE 1. PINOUT DESCRIPTION
PIN
NAME
FUNCTION
1V
CC
Positive Analog Supply
2
IN+
Positive input
3
IN-
Negative input
4V
EE
Negative analog supply and substrate
5
LATCH
Latch input
6
GND
Ground terminal
7
OUT
Output
8V
DD
Positive digital supply
TABLE 2. ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN
MAX
UNITS
Analog Supply Voltage (V
CC to VEE)--
+12
V
Digital Supply Voltage (V
DD to GND)
--
+7
V
Differential Input Voltage
V
EE - 0.2
V
CC + 0.2
V
Common-mode Input Voltage
V
EE - 0.2
V
CC + 0.2
V
Latch Input Voltage
-0.2
V
DD + 0.2
V
Output Short-circuit Duration to GND
Output Short-circuit Duration to V
DD
Indefinite
--
1
min.
Operating Temperature Ranges
-55
+125
°C
Junction Temperature (Tj)
-65
+160
°C
Storage Temperature Range
-65
+150
°C
TABLE 3. AC ELECTRICAL CHARACTERISTICS
(V
CC = +5V, VEE = -5V, LATCH = LOGIC HIGH, TA = TMIN TO TMAX, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST
CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNITS
Input-to-output High Response Time
tpd+
VOD = 5mV,
CL = 15pF,
IO = 2mA1
9, 10, 11
--
10
15
ns
Input-to-output Low Response Time
tpd-
VOD = 5mV,
CL = 15pF,
IO = 2mA1
9, 10, 11
--
10
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com