Electronic Components Datasheet Search
  English  ▼

X  

6484RPFE Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 6484RPFE
Description  CMOS Quad Rail-to-Rail I/O Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

6484RPFE Datasheet(HTML) 2 Page - Maxwell Technologies

  6484RPFE Datasheet HTML 1Page - Maxwell Technologies 6484RPFE Datasheet HTML 2Page - Maxwell Technologies 6484RPFE Datasheet HTML 3Page - Maxwell Technologies 6484RPFE Datasheet HTML 4Page - Maxwell Technologies 6484RPFE Datasheet HTML 5Page - Maxwell Technologies 6484RPFE Datasheet HTML 6Page - Maxwell Technologies 6484RPFE Datasheet HTML 7Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
CMOS Quad Rail-to-Rail I/O Op Amp
6484
01.06.05 Rev 4
TABLE 1. PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1, 7, 8, 14
OUT A-D
Output Signal
2, 6, 9, 13
IN- A-D
Negative Input Signal
3, 5, 10, 12
IN+ A-D
Positive Input Signal
4
V+
Positive Voltage
11
V-
Negative Voltage
TABLE 2. ABSOLUTE MAXIMUM RATINGS 1
1. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage (V+ - V-)
V
SS
--
16
V
Differential Input Voltage
-V
SS
V
SS
V
Voltage at I/O Pin
(V-) -0.3
(V+) +0.3
V
Current at Input Pin 2
2. Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
-5
5
mA
Current at Output Pin 3,4
3. Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature
can result in exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long
term may adversely affect reliability.
4. Do not short circuit output to V+, when V+ is greater than 13V or reliability will be adversely affected.
-30
30
mA
Current at Power Supply Pin
--
40
mA
Maximum Junction Temperature
T
J
--
150
°C
Power Dissipation
P
D
--
315
mW
Storage Temperature Range
T
S
-65
150
°C
Operating Temperature Range
T
A
-55
125
°C
Lead Temperature (soldering 10 seconds)
--
260
°C
ESD Tolerance 5
5. Human body model, 1.5 k
Ω in series with 100 pF. All pins rated per method 3015.6 of MIL-STD-883. This is a Class 2 device
rating.
--
2.0
kV
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
CC
±10% of specified value in Table 5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com