Electronic Components Datasheet Search
  English  ▼

X  

UP6003 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP6003
Description  Tiny Package, High Performance, Constant Current Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6003 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP6003 Datasheet HTML 1Page - uPI Group Inc. UP6003 Datasheet HTML 2Page - uPI Group Inc. UP6003 Datasheet HTML 3Page - uPI Group Inc. UP6003 Datasheet HTML 4Page - uPI Group Inc. UP6003 Datasheet HTML 5Page - uPI Group Inc. UP6003 Datasheet HTML 6Page - uPI Group Inc. UP6003 Datasheet HTML 7Page - uPI Group Inc. UP6003 Datasheet HTML 8Page - uPI Group Inc. UP6003 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
uP6003
2
uP6003-DS-F0000, Feb. 2013
www.upi-semi.com
.
o
N
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1X
L
.
t
u
p
t
u
O
h
c
t
i
w
S
l
a
n
r
e
t
n
I
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
T
E
F
S
O
M
N
l
a
n
r
e
t
n
i
f
o
n
i
a
r
d
e
h
t
s
i
n
i
p
e
h
T
.
e
d
o
i
d
y
k
t
t
o
h
c
S
l
a
n
r
e
t
x
e
f
o
e
d
o
n
a
d
n
a
r
o
t
c
u
d
n
i
t
s
o
o
b
2D
N
G
.
d
n
u
o
r
G
C
f
o
l
a
n
i
m
r
e
t
e
d
o
h
t
a
c
e
h
t
o
t
y
l
t
c
e
r
i
d
n
i
p
e
h
t
s
e
i
T
IN
C
d
n
a
T
U
O
h
t
i
w
e
n
a
l
p
d
n
u
o
r
g
d
n
a
.
n
i
p
s
i
h
t
o
t
t
c
e
n
n
o
c
d
l
u
o
h
s
s
t
n
e
n
o
p
m
o
c
k
c
a
b
d
e
e
f
d
n
a
l
a
n
g
i
s
-
ll
a
m
s
ll
A
.
e
c
n
a
d
e
p
m
i
t
s
e
w
o
l
e
h
t
3B
F
.
k
c
a
b
d
e
e
F
t
n
e
r
r
u
C
s
i
t
n
e
r
r
u
c
D
E
L
e
h
T
.
r
e
i
f
il
p
m
a
r
o
r
r
e
f
o
t
u
p
n
i
-
g
n
i
t
r
e
v
n
i
e
h
t
s
i
n
i
p
s
i
h
T
.
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
o
t
d
e
t
a
l
u
g
e
r
d
n
a
r
o
t
s
i
s
e
r
s
e
i
r
e
s
a
h
g
u
o
r
h
t
d
e
s
n
e
s
4N
E
.
l
o
r
t
n
o
C
g
n
i
m
m
i
D
d
n
a
n
w
o
d
t
u
h
S
s
e
c
u
d
e
r
d
n
a
r
e
t
r
e
v
n
o
c
e
h
t
n
w
o
d
s
t
u
h
s
w
o
l
n
i
p
s
i
h
t
g
n
il
l
u
P
e
h
t
e
e
s
(
l
o
r
t
n
o
c
g
n
i
m
m
i
d
D
E
L
r
o
f
s
e
s
u
l
p
s
e
v
i
e
c
e
r
n
i
p
s
i
h
T
.
A
u
1
.
0
o
t
n
w
o
d
t
n
e
r
r
u
c
y
l
p
p
u
s
s
t
i
)
.
n
o
i
t
c
e
s
d
e
t
a
l
e
r
5T
U
O
V
.
e
g
a
t
l
o
V
t
u
p
t
u
O
t
u
p
t
u
o
r
o
f
d
e
r
o
t
i
n
o
m
s
i
n
i
p
s
i
h
T
.
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
o
t
y
l
t
c
e
r
i
d
n
i
p
s
i
h
t
t
c
e
n
n
o
C
s
i
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
R
7
X
r
o
R
5
X
F
u
1
m
u
m
i
n
i
m
A
.
D
E
L
-
n
e
p
o
t
s
n
i
a
g
a
n
o
i
t
c
e
t
o
r
p
e
g
a
t
l
o
v
r
e
v
o
.
d
e
r
i
u
q
e
r
6N
I
V
.
t
u
p
n
I
y
l
p
p
u
S
r
e
w
o
P
e
h
t
s
r
e
w
o
p
d
n
a
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
o
t
t
n
e
r
r
u
c
s
e
il
p
p
u
s
t
a
h
t
e
g
a
t
l
o
v
t
u
p
n
I
c
i
m
a
r
e
c
R
7
X
r
o
R
5
X
F
u
2
.
2
m
u
m
i
n
i
m
a
h
t
i
w
e
g
a
t
l
o
v
t
u
p
n
i
s
s
a
p
y
B
.
t
i
u
c
r
i
c
l
o
r
t
n
o
c
l
a
n
r
e
t
n
i
.
r
o
t
i
c
a
p
a
c
Functional Pin Description
Functional Block Diagram
Control Logic
Driver
Current
Sense
Current Limit
Detector
Overvoltage
Protection
Slope Comp
Shutdown &
Dimming
Control
VREF
Bandgap and
Bias
EN
GND
VOUT
VIN
LX
Error
Amp.
PWM
Comp.
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com