Electronic Components Datasheet Search
  English  ▼

X  

UP6007 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP6007
Description  43V High Performance White LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6007 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP6007 Datasheet HTML 1Page - uPI Group Inc. UP6007 Datasheet HTML 2Page - uPI Group Inc. UP6007 Datasheet HTML 3Page - uPI Group Inc. UP6007 Datasheet HTML 4Page - uPI Group Inc. UP6007 Datasheet HTML 5Page - uPI Group Inc. UP6007 Datasheet HTML 6Page - uPI Group Inc. UP6007 Datasheet HTML 7Page - uPI Group Inc. UP6007 Datasheet HTML 8Page - uPI Group Inc. UP6007 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
uP6007
2
uP6007-DS-P0000, Apr. 2015
www.upi-semi.com
Functional Block Diagram
Typical Application Circuit
Control Logic
Driver
Current
Sense
Current Limit
Detector
Overvoltage
Protection
Slope Comp
Shutdown &
Dimming
Control
VREF
Bandgap and
Bias
PWM
GND
OVP
VIN
LX
Error
Amp.
PWM
Comp.
FB
DIMC
EN
LX
VIN
EN
VIN
VLED
DIMC
OVP
EN
PWM
PWM
10uH
10 ohm
2.2uF
1uF
2.2uF
D
ROVP1
3.3M
ROVP2
100k
CDIMC
1uF
FB
RFB
GND
L
r
e
b
m
u
N
r
e
d
r
O
e
p
y
T
e
g
a
k
c
a
P
k
r
a
m
e
R
g
n
i
k
r
a
M
p
o
T
8
N
D
P
7
0
0
6
P
u
L
8
-
2
X
2
N
F
D
W
z
H
M
1
6
E
8
N
D
Q
7
0
0
6
P
u
z
H
k
0
0
5
S
E
Note:
(1) Please check the sample/production availability with uPI representatives.
(2) uPI products are compatible with the current IPC/JEDEC J-STD-020 requirement. They are halogen-free, RoHS
compliant and 100% matte tin (Sn) plating that are suitable for use in SnPb or Pb-free soldering processes.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com