Electronic Components Datasheet Search
  English  ▼

X  

UP7102 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP7102
Description  USB Dedicated Charging Port Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7102 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP7102 Datasheet HTML 1Page - uPI Group Inc. UP7102 Datasheet HTML 2Page - uPI Group Inc. UP7102 Datasheet HTML 3Page - uPI Group Inc. UP7102 Datasheet HTML 4Page - uPI Group Inc. UP7102 Datasheet HTML 5Page - uPI Group Inc. UP7102 Datasheet HTML 6Page - uPI Group Inc. UP7102 Datasheet HTML 7Page - uPI Group Inc. UP7102 Datasheet HTML 8Page - uPI Group Inc. UP7102 Datasheet HTML 9Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
uP7102
2
uP7102-DS-F0000, Sep. 2015
www.upi-semi.com
.
o
Ne
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
P
D
.
r
o
t
c
e
n
n
o
C
o
t
e
n
i
L
a
t
a
D
+
D
.
+
D
1
-
r
o
t
c
e
n
n
o
c
B
S
U
o
t
d
e
t
c
e
n
n
o
C
2D
N
G
.
d
n
u
o
r
G
32
P
D
.
r
o
t
c
e
n
n
o
C
o
t
e
n
i
L
a
t
a
D
+
D
.
+
D
2
-
r
o
t
c
e
n
n
o
c
B
S
U
o
t
d
e
t
c
e
n
n
o
C
42
M
D
.
r
o
t
c
e
n
n
o
C
o
t
e
n
i
L
a
t
a
D
-
D
.
-
D
2
-
r
o
t
c
e
n
n
o
c
B
S
U
o
t
d
e
t
c
e
n
n
o
C
5N
I
.
t
u
p
n
I
y
l
p
p
u
S
r
e
w
o
P
e
s
o
l
c
s
a
D
N
G
o
t
N
I
m
o
r
f
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
r
e
t
a
e
r
g
r
o
F
u
1
.
0
d
e
t
c
e
n
n
o
C
.
e
l
b
i
s
s
o
p
s
a
C
I
e
h
t
o
t
61
M
D
.
r
o
t
c
e
n
n
o
C
o
t
e
n
i
L
a
t
a
D
-
D
.
-
D
1
-
r
o
t
c
e
n
n
o
c
B
S
U
o
t
d
e
t
c
e
n
n
o
C
Functional Block Diagram
Functional Pin Description
Typical Application Circuit
IN
GND
DM1
DP1
DM2
DP2
VBUS
GND
100nF
USB Connector-1
GND
D+
D-
VBUS
GND
D+
D-
VBUS
USB Connector-2
Auto
Detection
2.7V
1.2V
Auto
Detection
2.7V
1.2V
DM1
DP1
DM2
DP2
Under Voltage
Lockout
Driver
IN
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com