Electronic Components Datasheet Search
  English  ▼

X  

UP7104 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP7104
Description  USB Dedicated Charging Port Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7104 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP7104 Datasheet HTML 1Page - uPI Group Inc. UP7104 Datasheet HTML 2Page - uPI Group Inc. UP7104 Datasheet HTML 3Page - uPI Group Inc. UP7104 Datasheet HTML 4Page - uPI Group Inc. UP7104 Datasheet HTML 5Page - uPI Group Inc. UP7104 Datasheet HTML 6Page - uPI Group Inc. UP7104 Datasheet HTML 7Page - uPI Group Inc. UP7104 Datasheet HTML 8Page - uPI Group Inc. UP7104 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
uP7104
2
uP7104-DS-C3300, Nov. 2017
www.upi-semi.com
.
o
N
n
i
P
e
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
D
D
Q
PD
D
Q
Q
1
1
,
11
1
,
2
,
1D
N
G
A
.
d
n
u
o
r
G
g
o
l
a
n
A
.
y
l
t
c
e
r
i
d
n
i
p
s
i
h
t
o
t
r
o
t
i
c
a
p
a
c
s
s
a
p
y
b
G
E
R
V
e
h
t
t
c
e
n
n
o
C
23
N
I
V
.
t
u
p
n
I
y
l
p
p
u
S
r
e
w
o
P
l
a
n
r
e
t
n
i
e
h
t
o
t
t
n
e
r
r
u
c
s
e
il
p
p
u
s
t
a
h
t
e
g
a
t
l
o
v
t
u
p
n
I
R
7
X
r
o
R
5
X
f
o
F
u
1
m
u
m
i
n
i
m
a
h
t
i
w
e
g
a
t
l
o
v
t
u
p
n
i
e
h
t
s
s
a
p
y
B
.
t
i
u
c
r
i
c
l
o
r
t
n
o
c
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
35
G
E
R
V
n
i
P
e
g
a
t
l
o
V
t
u
p
t
u
O
O
D
L
l
a
n
r
e
t
n
I
o
t
r
o
t
i
c
a
p
a
c
s
s
a
p
y
b
F
u
1
e
h
t
t
c
e
n
n
o
C
.
.
y
l
t
c
e
r
i
d
n
i
p
s
i
h
t
44
S
C
.
n
i
P
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
d
n
a
D
N
G
P
n
e
w
t
e
e
b
r
o
t
s
i
s
e
r
e
s
n
e
s
l
a
n
r
e
t
x
e
n
A
.
d
e
d
e
e
n
s
i
D
N
G
d
a
o
l
t
u
p
t
u
o
56
F
E
R
.
n
i
P
e
g
a
t
l
o
V
t
u
p
t
u
O
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
n
I
67
M
T
C
T
N
(
r
o
s
n
e
S
e
r
u
t
a
r
e
p
m
e
T
l
a
n
r
e
t
x
E
l
a
n
o
i
t
p
O
r
o
f
t
n
i
o
P
n
o
i
t
c
e
n
n
o
C
.
)
r
o
t
s
i
s
e
r
7-
-1
C
C
.
)
1
C
C
(
1
l
e
n
n
a
h
C
n
o
i
t
a
r
u
g
i
f
n
o
C
s
s
o
r
c
a
s
n
o
i
t
c
e
n
n
o
c
f
o
P
F
D
e
h
t
n
i
d
e
s
U
.
e
l
b
a
c
C
-
e
p
y
T
B
S
U
a
8-
-2
C
C
.
)
2
C
C
(
2
l
e
n
n
a
h
C
n
o
i
t
a
r
u
g
i
f
n
o
C
s
s
o
r
c
a
s
n
o
i
t
c
e
n
n
o
c
f
o
P
F
D
e
h
t
n
i
d
e
s
U
.
e
l
b
a
c
C
-
e
p
y
T
B
S
U
a
99
+
D
.
r
i
a
P
e
n
i
L
a
t
a
D
e
v
a
l
S
B
S
U
e
h
T
f
o
e
n
i
L
e
v
i
t
i
s
o
P
B
S
U
d
e
s
a
b
-
D
/
+
D
,
e
l
p
p
A
,
P
C
D
s
e
d
u
l
c
n
i
n
o
i
t
c
e
t
e
d
e
h
T
.
n
o
i
t
c
e
t
e
d
t
r
o
p
g
n
i
g
r
a
h
c
s
i
d
/
e
v
a
l
s
.
P
C
S
d
n
a
P
C
F
,
0
.
3
C
Q
,
0
.
2
C
Q
0
10
1-
D
.
r
i
a
P
e
n
i
L
a
t
a
D
e
v
a
l
S
B
S
U
e
h
T
f
o
e
n
i
L
e
v
i
t
a
g
e
N
d
e
s
a
b
d
e
s
a
b
-
D
/
+
D
,
e
l
p
p
A
,
P
C
D
s
e
d
u
l
c
n
i
n
o
i
t
c
e
t
e
d
e
h
T
.
n
o
i
t
c
e
t
e
d
t
r
o
p
g
n
i
g
r
a
h
c
s
i
d
/
e
v
a
l
s
B
S
U
.
P
C
S
d
n
a
P
C
F
,
0
.
3
C
Q
,
0
.
2
C
Q
2
12
1P
M
O
C
.
r
e
i
f
i
l
p
m
A
r
o
r
r
E
l
a
n
r
e
t
n
I
e
h
T
f
o
t
u
p
t
u
O
k
r
o
w
t
e
n
n
o
i
t
a
s
n
e
p
m
o
c
p
o
o
l
e
h
T
.
n
i
p
D
N
G
A
e
h
t
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
3
13
1T
U
O
V
.
n
i
P
t
u
p
n
I
e
s
n
e
S
e
g
a
t
l
o
V
r
e
d
i
v
i
d
e
g
a
t
l
o
v
h
g
u
o
r
h
t
e
g
a
t
l
o
v
t
u
p
t
u
o
s
r
o
t
i
n
o
M
.
l
i
a
r
t
u
p
t
u
o
o
t
d
e
t
c
e
n
n
o
c
4
15
1B
F
I
f
o
t
u
p
n
I
e
c
n
e
r
e
f
e
R
o
t
d
e
t
c
e
n
n
o
C
t
u
p
t
u
O
e
v
i
r
D
p
o
o
L
k
c
a
b
d
e
e
F
.
e
g
a
t
l
o
V
t
u
p
t
u
O
t
e
S
o
t
r
e
i
f
i
l
p
m
A
r
o
r
r
E
y
l
p
p
u
S
r
e
w
o
P
l
a
n
r
e
t
x
E
.
l
i
a
r
t
u
p
t
u
o
o
t
d
e
t
c
e
n
n
o
c
r
e
d
i
v
i
d
e
g
a
t
l
o
v
h
g
u
o
r
h
t
e
g
a
t
l
o
v
t
u
p
t
u
o
s
r
o
t
i
n
o
M
5
16
1N
E
C
r
e
t
r
e
v
n
o
C
C
D
/
C
D
e
l
b
a
s
i
D
/
e
l
b
a
n
E
6
1-
-N
E
_
C
T
.
n
o
i
t
c
n
u
F
n
o
i
t
c
e
t
e
D
C
C
e
l
b
a
s
i
D
/
e
l
b
a
n
E
-
-4
1G
H
C
S
I
D
.
n
i
p
e
g
r
a
h
c
s
i
D
.
r
o
t
i
c
a
p
a
c
t
u
p
t
u
o
e
h
t
e
g
r
a
h
c
s
i
D
-
-8
C
N.
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
t
o
N
d
a
P
d
e
s
o
p
x
E
.
d
n
u
o
r
G
g
o
l
a
n
A
t
r
o
P
g
n
i
g
r
a
h
C
d
e
t
a
c
i
d
e
D
B
S
U
e
h
t
f
o
d
n
u
o
r
G
g
o
l
a
n
A
d
n
a
n
o
i
t
c
e
v
n
o
c
t
a
e
h
r
o
f
h
t
a
p
n
i
a
m
e
h
t
s
i
d
a
p
d
e
s
o
p
x
e
e
h
T
.
r
e
ll
o
r
t
n
o
C
.
e
c
n
a
m
r
o
f
r
e
p
l
a
m
r
e
h
t
t
s
e
b
r
o
f
B
C
P
e
h
t
o
t
d
e
r
e
d
l
o
s
-
ll
e
w
e
b
d
l
u
o
h
s
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com