Electronic Components Datasheet Search
  English  ▼

X  

UP7501 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP7501
Description  Smart 5V Dual Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7501 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP7501 Datasheet HTML 1Page - uPI Group Inc. UP7501 Datasheet HTML 2Page - uPI Group Inc. UP7501 Datasheet HTML 3Page - uPI Group Inc. UP7501 Datasheet HTML 4Page - uPI Group Inc. UP7501 Datasheet HTML 5Page - uPI Group Inc. UP7501 Datasheet HTML 6Page - uPI Group Inc. UP7501 Datasheet HTML 7Page - uPI Group Inc. UP7501 Datasheet HTML 8Page - uPI Group Inc. UP7501 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
uP7501
2
uP7501-DS-F0002, Mar. 2017
www.upi-semi.com
.
o
N
e
m
a
N
n
i
P
n
o
it
c
n
u
F
n
i
P
1
C
C
V
5
.
t
u
p
n
I
C
C
V
5
d
l
o
h
s
e
r
h
t
R
O
P
e
h
T
.
)
R
O
P
(
t
e
s
e
r
n
o
r
e
w
o
p
r
o
f
d
e
r
o
t
i
n
o
m
y
l
s
u
o
u
n
it
n
o
c
s
i
n
i
p
s
i
h
T
.
C
C
V
5
X
T
A
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
s
i
s
e
r
e
t
s
y
h
V
2
.
0
h
t
i
w
V
2
.
4
s
i
l
e
v
e
l
2
B
S
V
5
.
t
u
p
n
I
B
S
V
5
.
R
O
P
r
o
f
d
e
r
o
t
i
n
o
m
y
l
s
u
o
u
n
it
n
o
c
s
i
n
i
p
s
i
h
T
.
1
0
5
7
P
u
e
h
t
f
o
t
u
p
n
i
r
e
w
o
p
s
i
n
i
p
s
i
h
T
a
h
t
i
w
B
S
V
5
X
T
A
o
t
n
i
p
s
i
h
t
d
e
t
c
e
n
n
o
C
.
s
i
s
e
r
e
t
s
y
h
V
2
.
0
h
t
i
w
V
2
.
4
s
i
l
e
v
e
l
d
l
o
h
s
e
r
h
t
R
O
P
e
h
T
.
n
i
p
D
N
G
o
t
y
lt
c
e
r
i
d
r
o
t
i
c
a
p
a
c
g
n
il
p
u
o
c
e
d
c
i
m
a
r
e
c
3
D
N
G
.
d
n
u
o
r
G
4
E
D
O
M
.
n
o
i
t
c
e
l
e
S
e
d
o
M
5
S
/
4
S
g
n
i
r
u
d
n
o
s
y
a
t
s
r
o
n
w
o
d
t
u
h
s
s
i
L
A
U
D
V
5
r
e
h
t
e
h
w
s
m
a
r
g
o
r
p
n
i
p
s
i
h
T
e
n
a
l
p
L
A
U
D
V
5
e
h
t
s
r
e
w
o
p
h
g
i
h
c
i
g
o
L
.
e
t
a
t
s
5
S
/
4
S
g
n
i
r
u
d
L
A
U
D
V
5
n
w
o
d
s
t
u
h
s
w
o
l
c
i
g
o
L
.
e
t
a
t
s
.
e
t
a
t
s
5
S
/
4
S
g
n
i
r
u
d
B
S
V
5
X
T
A
m
o
r
f
5
#
3
S
.
t
u
p
n
I
#
3
S
,
0
S
(
e
v
it
c
a
m
o
r
f
e
t
a
t
s
g
n
it
a
r
e
p
o
s
'
C
I
e
h
t
s
e
h
c
t
i
w
s
#
5
S
h
t
i
w
d
e
i
n
a
p
m
o
c
n
i
p
s
i
h
T
.
e
c
r
u
o
s
t
n
e
r
r
u
c
A
u
7
a
y
b
n
w
o
d
d
e
ll
u
p
y
ll
a
n
r
e
t
n
i
s
i
n
i
p
s
i
h
T
.
s
e
t
a
t
s
p
e
e
l
s
5
S
/
4
S
d
n
a
3
S
o
t
)
2
S
/
1
S
s
'
m
e
t
s
y
s
r
e
t
u
p
m
o
c
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
h
g
i
h
s
i
#
5
S
n
e
h
w
3
S
s
a
d
e
d
r
a
g
e
r
s
i
#
3
S
f
o
0
e
t
a
t
S
.
s
l
a
n
g
i
s
3
S
_
P
L
S
6
#
5
S
.
t
u
p
n
I
#
5
S
,
0
S
(
e
v
it
c
a
m
o
r
f
e
t
a
t
s
g
n
it
a
r
e
p
o
s
'
C
I
e
h
t
s
e
h
c
t
i
w
s
#
3
S
h
t
i
w
d
e
i
n
a
p
m
o
c
n
i
p
s
i
h
T
.
e
c
r
u
o
s
t
n
e
r
r
u
c
A
u
7
a
y
b
n
w
o
d
d
e
ll
u
p
y
ll
a
n
r
e
t
n
i
s
i
n
i
p
s
i
h
T
.
s
e
t
a
t
s
p
e
e
l
s
5
S
/
4
S
d
n
a
3
S
o
t
)
2
S
/
1
S
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
e
t
a
t
s
#
3
S
e
h
t
f
o
s
s
e
l
d
r
a
g
e
r
5
S
/
4
S
s
a
d
e
d
r
a
g
e
r
s
i
#
5
S
f
o
0
e
t
a
t
S
.
s
l
a
n
g
i
s
5
S
_
P
L
S
s
'
m
e
t
s
y
s
r
e
t
u
p
m
o
c
7
V
R
D
_
B
S
V
5
.
B
S
V
5
r
o
f
t
u
p
t
u
O
r
e
v
i
r
D
s
i
r
o
t
s
i
s
n
a
r
t
e
h
T
.
S
O
M
P
e
l
b
a
t
i
u
s
a
f
o
e
t
a
g
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
s
u
t
a
t
s
s
n
i
p
E
D
O
M
d
n
a
#
3
S
,
#
5
S
g
n
i
d
r
o
c
c
a
f
f
o
/
n
o
d
e
h
c
t
i
w
s
8
V
R
D
_
C
C
V
5
.
C
C
V
5
r
o
f
t
u
p
t
u
O
r
e
v
i
r
D
s
i
r
o
t
s
i
s
n
a
r
t
e
h
T
.
S
O
M
N
e
l
b
a
t
i
u
s
a
f
o
e
t
a
g
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
k
1
n
A
.
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
n
a
s
i
n
i
p
s
i
h
T
.
s
u
t
a
t
s
s
n
i
p
#
3
S
d
n
a
#
5
S
g
n
i
d
r
o
c
c
a
f
f
o
/
n
o
d
e
h
c
t
i
w
s
Ω
e
l
b
a
t
i
u
s
f
o
s
e
t
a
g
e
h
t
ll
u
p
o
t
t
u
p
t
u
o
C
C
V
2
1
X
T
A
e
h
t
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
e
b
t
s
u
m
r
o
t
s
i
s
e
r
d
e
r
o
t
i
n
o
m
o
s
l
a
s
i
n
i
p
s
i
h
T
.
t
u
p
t
u
o
L
A
U
D
V
5
o
t
n
i
t
u
p
t
u
o
C
C
V
5
X
T
A
s
e
h
c
t
i
w
s
t
a
h
t
V
2
1
o
t
S
O
M
N
.
s
i
s
e
r
e
t
s
y
h
V
1
h
t
i
w
V
9
s
i
l
e
v
e
l
d
l
o
h
s
e
r
h
t
R
O
P
e
h
T
.
R
O
P
C
C
V
2
1
r
o
f
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com