Electronic Components Datasheet Search
  English  ▼

X  

TL5580AIP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL5580AIP
Description  DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5580AIP Datasheet(HTML) 5 Page - Texas Instruments

  TL5580AIP Datasheet HTML 1Page - Texas Instruments TL5580AIP Datasheet HTML 2Page - Texas Instruments TL5580AIP Datasheet HTML 3Page - Texas Instruments TL5580AIP Datasheet HTML 4Page - Texas Instruments TL5580AIP Datasheet HTML 5Page - Texas Instruments TL5580AIP Datasheet HTML 6Page - Texas Instruments TL5580AIP Datasheet HTML 7Page - Texas Instruments TL5580AIP Datasheet HTML 8Page - Texas Instruments TL5580AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
1
5
10
50 60 70 80 100 200 300 500 700 1M 10M
V+/V− =
±15 V
RL = 2 kΩ
TA = 25°C
Frequency − kHz
−15
−10
−5
0
5
10
15
100
1k
10k
RL − Load Resistance − Ω
VCC± = ±15 V
TA = 25°C
VOM+
VOM−
IO − Output Current − mA
VOM+
VOM−
VCC± = ±15 V
20
15
10
5
0
−5
−10
−15
−20
1000
100
10
1
0
10
20
30
10
100
1k
10k
100k
Frequency − Hz
VCC± = ±1.5 V
RS = 50 Ω
AV = 60 dB
TA = 25°C
TL5580, TL5580A
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
SLOS477A – JUNE 2005 – REVISED JULY 2005
MAXIMUM OUTPUT VOLTAGE SWING
MAXIMUM OUTPUT VOLTAGE SWING
vs
vs
LOAD RESISTANCE
FREQUENCY
Figure 1.
Figure 2.
OUTPUT VOLTAGE SWING
EQUIVALENT INPUT NOISE VOLTAGE
vs
vs
OUTPUT CURRENT
FREQUENCY
Figure 3.
Figure 4.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com