Electronic Components Datasheet Search
  English  ▼

X  

1605310 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1605310
Description  Contact insert - HC-B 16-ESTZZ
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1605310 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1605310 Datasheet HTML 1Page - PHOENIX CONTACT 1605310 Datasheet HTML 2Page - PHOENIX CONTACT 1605310 Datasheet HTML 3Page - PHOENIX CONTACT 1605310 Datasheet HTML 4Page - PHOENIX CONTACT 1605310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
https://www.phoenixcontact.com/us/products/1605310
12/9/13   Page 5 / 5
Contact insert - HC-B 16-ESTZZ - 1605310
Schematic diagram
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Connector pin assignment, connection side
Diagram
Ambienttemperature[°C]
0
5
20
15
10
20
40
60
80
100
120
B6
B10
B16
B24
The illustration shows the derating diagram of various series B
contact inserts (B6 to B24), conductor cross section 1.5 mm²
Diagram
Ambienttemperature[°C]
0
5
25
15
20
10
20
40
60
80
100
120
B6
B10
B16
B24
The illustration shows the derating diagram of various series B
contact inserts (B6 to B24), conductor cross section 2.5 mm²
Dimensioned drawing
57
64
27
34
Male contact insert
Dimensioned drawing
72
82
77,5
Ø3,4
Panel cutout
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com