Electronic Components Datasheet Search
  English  ▼

X  

BZX784C10 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX784C10
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX784C10 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BZX784C10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX784C10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZX784C10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
BZX784C Series
150mW, SOD-723
Surface Mount Zener Diodes
28-Mar-2018 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Zener Voltage Range
1
Maximum Zener
Impedance
2
Maximum
Reverse
Current
Typical
Temperature
Coefficent
VZ@IZT
IZT
ZZT@IZT ZZK@IZK
IZK
IR
VR
@IZT
mV/°C
Part Number
Marking
Min.(V) Nom.(V) Max.(V)
mA
mA
µA
V
Min.
Max.
BZX784C2V4
Z1
2.2
2.4
2.6
5
100
600
1
50
1
-3.5
0
BZX784C2V7
Z2
2.5
2.7
2.9
5
100
600
1
20
1
-3.5
0
BZX784C3V0
Z3
2.8
3
3.2
5
95
600
1
10
1
-3.5
0
BZX784C3V3
Z4
3.1
3.3
3.5
5
95
600
1
5
1
-3.5
0
BZX784C3V6
Z5
3.4
3.6
3.8
5
90
600
1
5
1
-3.5
0
BZX784C3V9
Z6
3.7
3.9
4.1
5
90
600
1
3
1
-3.5
0
BZX784C4V3
Z7
4
4.3
4.6
5
90
600
1
3
1
-3.5
0
BZX784C4V7
X1
4.4
4.7
5
5
80
500
1
3
2
-3.5
0.2
BZX784C5V1
X2
4.8
5.1
5.4
5
60
480
1
2
2
-2.7
1.2
BZX784C5V6
X3
5.2
5.6
6
5
40
400
1
1
2
-2
2.5
BZX784C6V2
X4
5.8
6.2
6.6
5
10
150
1
3
4
0.4
3.7
BZX784C6V8
X5
6.4
6.8
7.2
5
15
80
1
2
4
1.2
4.5
BZX784C7V5
X6
7
7.5
7.9
5
15
80
1
1
5
2.5
5.3
BZX784C8V2
X7
7.7
8.2
8.7
5
15
80
1
0.7
5
3.2
6.2
BZX784C9V1
X8
8.5
9.1
9.6
5
15
100
1
0.5
6
3.8
7
BZX784C10
X9
9.4
10
10.6
5
20
150
1
0.2
7
4.5
8
BZX784C11
W1
10.4
11
11.6
5
20
150
1
0.1
8
5.4
9
BZX784C12
W2
11.4
12
12.7
5
25
150
1
0.1
8
6
10
BZX784C13
W3
12.4
13
14.1
5
30
170
1
0.1
8
7
11
BZX784C15
W4
13.8
15
15.6
5
30
200
1
0.1
10.5
9.2
13
BZX784C16
W5
15.3
16
17.1
5
40
200
1
0.1
11.2
10.4
14
BZX784C18
W6
16.8
18
19.1
5
45
225
1
0.1
12.6
12.4
16
BZX784C20
W7
18.8
20
21.2
5
55
225
1
0.1
14
14.4
18
BZX784C22
W8
20.8
22
23.3
5
55
250
1
0.1
15.4
16.4
20
BZX784C24
W9
22.8
24
25.6
5
70
250
1
0.1
16.8
18.4
22
BZX784C27
Y1
25.1
27
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
BZX784C30
Y2
28
30
32
2
80
300
0.5
0.1
21
24.4
29.4
BZX784C33
Y3
31
33
35
2
80
325
0.5
0.1
23.1
27.4
33.4
BZX784C36
Y4
34
36
38
2
90
350
0.5
0.1
25.2
30.4
37.4
BZX784C39
Y5
37
39
41
2
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
1. Tested with pulses, period=5ms, pulse width=300 s.
2. f=1KHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com