Electronic Components Datasheet Search
  English  ▼

X  

LTC2605 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2605
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605 Datasheet(HTML) 2 Page - Linear Technology

  LTC2605 Datasheet HTML 1Page - Linear Technology LTC2605 Datasheet HTML 2Page - Linear Technology LTC2605 Datasheet HTML 3Page - Linear Technology LTC2605 Datasheet HTML 4Page - Linear Technology LTC2605 Datasheet HTML 5Page - Linear Technology LTC2605 Datasheet HTML 6Page - Linear Technology LTC2605 Datasheet HTML 7Page - Linear Technology LTC2605 Datasheet HTML 8Page - Linear Technology LTC2605 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC2605/LTC2615/LTC2625
2605f
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART NUMBER
PACKAGE/ORDER I FOR ATIO
Any Pin to GND ........................................... – 0.3V to 6V
Any Pin to VCC .............................................– 6V to 0.3V
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
VOUT A
VOUT B
VOUT C
VOUT D
GN PACKAGE
16-LEAD PLASTIC SSOP
REF
CA2
SCL
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CA0
CA1
SDA
TJMAX = 125°C, θJA = 150°C/W
LTC2605CGN
LTC2605CGN-1
LTC2605IGN
LTC2605IGN-1
LTC2615CGN
LTC2615CGN-1
LTC2615IGN
LTC2615IGN-1
LTC2625CGN
LTC2625CGN-1
LTC2625IGN
LTC2625IGN-1
Consult LTC Marketing for parts specified with wider operating temperature ranges.
2605
26051
2605I
26O5I1
2615
26151
2615I
2615I1
2625
26251
2625I
2625I1
(Note 1)
Operating Temperature Range
LTC2605C/LTC2615C/LTC2625C ............. 0
°C to 70°C
LTC2605C-1/LTC2615C-1/LTC2625C-1 ... 0
°C to 70°C
LTC2605I/LTC2615I/LTC2625I ............ – 40
°C to 85°C
LTC2605I-1/LTC2615I-1/LTC2625I-1 .. – 40
°C to 85°C
GN PART MARKING
ELECTRICAL C
C
HARA TERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted.
LTC2625/-1
LTC2615/-1
LTC2605/-1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Performance
Resolution
●
12
14
16
Bits
Monotonicity
(Note 2)
●
12
14
16
Bits
DNL
Differential Nonlinearity
(Note 2)
●
±0.5
±1
±1LSB
INL
Integral Nonlinearity
(Note 2)
●
±1
±4
±4
±16
±18 ±64
LSB
Load Regulation
VREF = VCC = 5V, Midscale
IOUT = 0mA to 15mA Sourcing
●
0.02 0.125
0.07
0.5
0.3
2
LSB/mA
IOUT = 0mA to 15mA Sinking
●
0.03 0.125
0.10
0.5
0.4
2
LSB/mA
VREF = VCC = 2.7V, Midscale
IOUT = 0mA to 7.5mA Sourcing
●
0.04
0.25
0.15
1
0.6
4
LSB/mA
IOUT = 0mA to 7.5mA Sinking
●
0.07
0.25
0.20
1
0.8
4
LSB/mA
ZSE
Zero-Scale Error
Code = 0
●
1.7
9
1.7
9
1.7
9
mV
VOS
Offset Error
(Note 4)
●
±1
±9
±1
±9
±1
±9mV
VOS Temperature
±5
±5
±5
µV/°C
Coefficient
GE
Gain Error
●
±0.1 ±0.7
±0.1 ±0.7
±0.1 ±0.7
%FSR
Gain Temperature
±8
±8
±8
ppm/
°C
Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com