Electronic Components Datasheet Search
  English  ▼

X  

DS3014 Datasheet(PDF) 4 Page - TT Electronics.

Part # DS3014
Description  Thermocouple Assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS3014 Datasheet(HTML) 4 Page - TT Electronics.

  DS3014 Datasheet HTML 1Page - TT Electronics. DS3014 Datasheet HTML 2Page - TT Electronics. DS3014 Datasheet HTML 3Page - TT Electronics. DS3014 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thermocouple Assembly
DS3014
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 4
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
REFACTORY SOCKETS
Sheathed thermocouples only - available in mild
steel and heat resisting steel.
REFACTORY PROTECTION SHEATHS
Temperature limit subject to operational environment
and thermocouple element type.
* Not recommended above 1,200ºC for noble metal ther-
mocouples.
2 3/4" diameter (57.15mm)
1 3/8" diameter (34.92mm)
1 5/16 diameter (1" nominal bore) (33.3mm)
1 1/2" diameter (31.75mm)
1 1/16" diameter (3/4" nominal bore) (26.98mm)
3/4" diameter (19.05mm)
5/8" diameter (15.87mm)
1/2" diameter (12.70mm)
Aluminous Porcelain*
Temperature limit: 1,400ºC
Socket Size
20mm OD x 15mm ID
3 or 4
17mm OD x 13mm ID
5
12mm OD x 8mm ID
6
10mm OD x 7mm ID
7
8mm OD x 5mm ID
8
Recrystalised Alumina
Temperature limit: 1,800ºC
Socket Size
20mm OD x 15mm ID
3 or 4
17mm OD x 13mm ID
5
12mm OD x 8mm ID
6
10mm OD x 7mm ID
7
8mm OD x 5mm ID
8
Silicon Carbide
Temperature limit: 1,450ºC
Socket Size
50mm OD x 25mm ID
1
31mm OD x 15mm ID
2
25mm OD x 15mm ID
2 or 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com