Electronic Components Datasheet Search
  English  ▼

X  

74VCX86 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74VCX86
Description  Low Voltage Quad 2-Input AND Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX86 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74VCX86 Datasheet HTML 3Page - ON Semiconductor 74VCX86 Datasheet HTML 4Page - ON Semiconductor 74VCX86 Datasheet HTML 5Page - ON Semiconductor 74VCX86 Datasheet HTML 6Page - ON Semiconductor 74VCX86 Datasheet HTML 7Page - ON Semiconductor 74VCX86 Datasheet HTML 8Page - ON Semiconductor 74VCX86 Datasheet HTML 9Page - ON Semiconductor 74VCX86 Datasheet HTML 10Page - ON Semiconductor 74VCX86 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.fairchildsemi.com
6
AC Loading and Waveforms (VCC 1.5V r 0.1V to 1.2V)
FIGURE 3. AC Test Circuit
FIGURE 4. Waveform for Inverting and Non-Inverting Functions
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC x 2 at VCC 1.5 r 0.1V
tPZH, tPHZ
GND
Symbol
VCC
1.5V
r 0.1V
Vmi
VCC/2
Vmo
VCC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com