Electronic Components Datasheet Search
  English  ▼

X  

74VHC32M Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHC32M
Description  Quad 2-Input OR Gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC32M Datasheet(HTML) 2 Page - ON Semiconductor

  74VHC32M Datasheet HTML 1Page - ON Semiconductor 74VHC32M Datasheet HTML 2Page - ON Semiconductor 74VHC32M Datasheet HTML 3Page - ON Semiconductor 74VHC32M Datasheet HTML 4Page - ON Semiconductor 74VHC32M Datasheet HTML 5Page - ON Semiconductor 74VHC32M Datasheet HTML 6Page - ON Semiconductor 74VHC32M Datasheet HTML 7Page - ON Semiconductor 74VHC32M Datasheet HTML 8Page - ON Semiconductor 74VHC32M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC32 Rev. 1.3.0
February 2008
74VHC32
Quad 2-Input OR Gate
Features
■ High Speed: tPD = 3.8ns (typ.) at VCC = 5V
■ Low Power Dissipation: ICC = 2 µA (max.) at TA = 25°C
■ High Noise Immunity: VNIH = VNIL = 28% VCC (min.)
■ Power down protection is provided on all inputs
■ Low Noise: VOLP = 0.8V (max.)
■ Pin and Function Compatible with 74HC32
General Description
The VHC32 is an advanced high speed CMOS 2-Input
OR Gate fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is composed of 4 stages including
buffer output, which provide high noise immunity and
stable output. An input protection circuit ensures that 0V
to 7V can be applied to the input pins without regard to
the supply voltage. This device can be used to interface
5V to 3V systems and two supply systems such as bat-
tery back up. This circuit prevents device destruction due
to mismatched supply and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHC32M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC32SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC32MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC32N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com