Electronic Components Datasheet Search
  English  ▼

X  

74VHC32M Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHC32M
Description  Quad 2-Input OR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC32M Datasheet(HTML) 2 Page - ON Semiconductor

  74VHC32M Datasheet HTML 1Page - ON Semiconductor 74VHC32M Datasheet HTML 2Page - ON Semiconductor 74VHC32M Datasheet HTML 3Page - ON Semiconductor 74VHC32M Datasheet HTML 4Page - ON Semiconductor 74VHC32M Datasheet HTML 5Page - ON Semiconductor 74VHC32M Datasheet HTML 6Page - ON Semiconductor 74VHC32M Datasheet HTML 7Page - ON Semiconductor 74VHC32M Datasheet HTML 8Page - ON Semiconductor 74VHC32M Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC86 Rev. 1.4.0
February 2008
74VHC86
Quad 2-Input Exclusive-OR Gate
Features
■ High Speed: tPD = 4.8ns (typ.) at VCC = 5V
■ Low Power Dissipation: ICC = 2µA (max.) @ TA = 25°C
■ High Noise Immunity: VNIH = VNIL = 28% VCC (min.)
■ Power down protection is provided on all inputs
■ Low Noise: VOLP = 0.8V (max.)
■ Pin and Function Compatible with 74HC86
General Description
The VHC86 is an advanced high speed CMOS Quad
Exclusive OR Gate fabricated with silicon gate CMOS
technology. It achieves the high speed operation similar
to equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and on two supply systems such as battery
back up. This circuit prevents device destruction due to
mismatched supply and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHC86M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC86SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC86MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC86N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com