Electronic Components Datasheet Search
  English  ▼

X  

0032 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 0032
Description  HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

0032 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  0032 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0032 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Offset Adjust
Input Bias Current
Input Offset Current
Input Impedance
Power Supply Rejection Ratio
Common Mode Rejection Ratio
Input Noise Voltage
Equivalent Input Noise
OUTPUT
Output Voltage Swing
Output Current
Settling Time to 1%
Settling Time to 0.1%
Unity Gain Bandwidth
TRANSFER CHARACTERISTICS
Slew Rate Limit
Open Loop Voltage Gain
Small Signal Rise Time
Small Signal Delay Time
VIN=0V
Bal.Pins=N/C VIN=0V AV=-10V/V
Bal.Pins=N/C VIN=0V
RPOT=10KΩ To +VCC
VCM=0V
Either Input
VCM=0V
F=DC
∆ VCC=±15V
F=DC VCM=±10V
F=10Hz To 1MHz
F=1KHz
RL=1KΩ
RL=1KΩ
RL=1KΩ 10V step
RL=1KΩ 10V step
AV=+1
VOUT=±10V RL=1KΩ
VOUT=±10V F=100Hz
AV = +1 RL = 1KΩ
VIN = 1V RL = 1KΩ
±18V
±40mA
±30V
-55°C to +125°C
-40°C to +85°C
200°C/W
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
-65°C to +150°C
300°C
175°C
±VCC
IOUT
VIN
TC
RTH
1
2
3
4
5
6
7
AV=-1, measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Electrical specifications are derated for power supply voltages other than ±15VDC.
NOTES:
Supply Voltage
Output Current
Differential Input Voltage
Case Operating Temperature Range
(MSK 0032B)
(MSK 0032)
Thermal Resistance
Junction to Case
Output Devices Only
ELECTRICAL SPECIFICATIONS
±Vcc=±15V Unless Otherwise Specified
Min.
±10
-
-
-
-
-
-
-
-
-
50
50
-
-
±10
±10
-
-
-
350
70
-
-
Max.
±18
±20
±25
±5
±50
±100
±50
25
25
-
-
-
-
-
-
-
0.5
-
-
-
-
20
25
Min.
-
-
-
-
-
-
-
-
-
-
45
45
-
-
±10
±10
-
-
-
350
70
-
-
Max.
±18
±22
-
±7
-
±300
-
100
-
-
-
-
-
-
-
-
0.5
-
-
-
-
20
25
Units
V
mA
mA
mV
µV/°C
mV
pA
nA
pA
nA
Ω
dB
dB
µVrms
nV√Hz
V
mA
µS
nS
MHz
V/µS
dB
nS
nS
MSK 0032B
MSK 0032
2
Typ.
±15
±15
-
±1
-
±25
-
20
-
10
70
80
1.5
40
±12
±20
0.1
300
25
650
-
10
12
Test Conditions
Parameter
1
2
2
7
Typ.
±15
±15
±18
±0.5
±10
±10
±0.2
10
0.1
10
70
80
1.5
40
±12
±20
0.1
300
25
650
-
10
12
Adjust to Zero
Adjust to Zero
12
12
Group A
Subgroup
-
1
2,3
1
2,3
1,2,3
1
2,3
1
2,3
-
-
-
-
-
4
4
4
4
-
4
4
4
4
1
2
2
2
2
Rev.B 7/00
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com